Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS365 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICS9LPRS365
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS365 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICS9LPRS365 Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
16
ICS9LPRS365
Advance Information
1218—09/09/09
Electrical Characteristics - REF-14.318MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1,2
Clock period
T
period
14.318MHz output nominal
69.8203
69.8622
ns
2
Absolute min/max period
T
abs
14.318MHz output nominal
69.8203
70.86224
ns
2
Output High Voltage
V
OH
I
OH = -1 mA
2.4
V
1
Output Low Voltage
V
OL
I
OL = 1 mA
0.4
V
1
Output High Current
I
OH
V
OH @MIN = 1.0 V,
V
OH@MAX = 3.135 V
-33
-33
mA
1
Output Low Current
I
OL
V
OL @MIN = 1.95 V,
V
OL @MAX = 0.4 V
30
38
mA
1
Rising Edge Slew Rate
t
SLR
Measured from 0.8 to 2.0 V
1
4
V/ns
1
Falling Edge Slew Rate
t
FLR
Measured from 2.0 to 0.8 V
1
4
V/ns
1
Duty Cycle
d
t1
V
T = 1.5 V
45
55
%
1
Jitter
t
jcyc-cyc
V
T = 1.5 V
1000
ps
1
1 Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
Preferred drive strengths using CK505 clock sources.
Transmission lines to load do not share series resistors.
Desktop (Zo=50Ω) and mobile (Zo=55Ω) have the same drive strength.
1 Load Rs = 2 Loads Rs= 3 Loads Rs =
1
0.56 / 33
(17Ω)
33Ω [39Ω]
-
-
2
0.92 / 66
(14Ω)
39Ω [43Ω]22Ω [27Ω]-
3
1.15 / 99
(11.6Ω)
43Ω [43Ω]
27Ω [33Ω]15Ω [22Ω]
D.C.Drive
Strength
Number of Loads
to Drive
Number of Loads Actually Driven.
[Zo=55Ω]
Match Point for N & P
Voltage / Current
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com