Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS365 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ICS9LPRS365
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS365 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ICS9LPRS365 Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 20Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
17
ICS9LPRS365
Advance Information
1218—09/09/09
FSLC
2
B0b7
FSLB
1
B0b6
FSLA
1
B0b5
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
DOT
MHz
000
266.66
001
133.33
010
200.00
011
166.66
100
333.33
101
100.00
110
400.00
111
1. FS
LA and FSLB are low-threshold inputs.Please see VIL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
2. FS
LC is a three-level input. Please see the VIL_FS and VIH_FS
specifications in the Input/Supply/Common Output Parameters Table for correct values.
Table 1: CPU Frequency Select Table
96.00
100.00
33.33
14.318
48.00
Reserved
Pin17 (TSSOP)
/ Pin24 (MLF)
Pin18 (TSSOP)
/ Pin25 (MLF)
Spread
MHz
MHz
%
00
0
0
0
0
0
1
100.00
100.00
0.5% Down Spread
SRCCLK1 from SRC_MAIN
0
0
1
0
100.00
100.00
0.5% Down Spread
Only SRCCLK1 from PLL3
0
0
1
1
100.00
100.00
1% Down Spread
Only SRCCLK1 from PLL3
0
1
0
0
100.00
100.00
1.5% Down Spread
Only SRCCLK1 from PLL3
0
1
0
1
100.00
100.00
2% Down Spread
Only SRCCLK1 from PLL3
0
1
1
0
100.00
100.00
2.5% Down Spread
Only SRCCLK1 from PLL3
01
1
1
N/A
N/A
N/A
N/A
1
0
0
0
24.576
24.576
None
24.576Mhz on SE1 and SE2
1
0
0
1
24.576
98.304
None
24.576Mhz on SE1, 98.304Mhz on SE2
1
0
1
0
98.304
98.304
None
98.304Mhz on SE1 and SE2
1
0
1
1
27.000
27.000
None
27Mhz on SE1 and SE2
1
1
0
0
25.000
25.000
None
25Mhz on SE1 and SE2
11
0
1
N/A
N/A
N/A
N/A
11
1
0
N/A
N/A
N/A
N/A
11
1
1
N/A
N/A
N/A
N/A
Comment
PLL 3 disabled
B1b1
B1b4
B1b3
B1b2
Table 2: PLL3 Quick Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com