Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P935 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS9P935
Description  DDR I/DDR II Phase Lock Loop Zero Delay Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9P935 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9P935 Datasheet HTML 1Page - Renesas Technology Corp ICS9P935 Datasheet HTML 2Page - Renesas Technology Corp ICS9P935 Datasheet HTML 3Page - Renesas Technology Corp ICS9P935 Datasheet HTML 4Page - Renesas Technology Corp ICS9P935 Datasheet HTML 5Page - Renesas Technology Corp ICS9P935 Datasheet HTML 6Page - Renesas Technology Corp ICS9P935 Datasheet HTML 7Page - Renesas Technology Corp ICS9P935 Datasheet HTML 8Page - Renesas Technology Corp ICS9P935 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IDTTM/ICSTM
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
ICS9P935
REV H
12/1/08
ICS9P935
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
3
Absolute Max
Supply Voltage
-0.5V to 2.7V
Logic Inputs
GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature
0°C to +70°C
Case Temperature
115°C
Storage Temperature
–65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 1.8 V +/- 0.1V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Current
IIH
VI = VDD or GND
±250
µA
Input Low Current
IIL
VI = VDD or GND
±10
µA
Output Disabled Low
Current
IODL
OE = L, VODL = 100mV
100
µA
IDD1.8
CL = 0pf @ 100MHz
300
mA
IDDLD
CL = 0pf
500
µA
Input Clamp Voltage
VIK
VDDQ = 1.8V Iin = -18mA
-1.2
V
IOH = -100µA
VDD -0.2
V
IOH = -9mA
1.1
V
IOL=100µA
0.1
V
IOL=9mA
0.6
V
Input Capacitance
1
CIN
VI = GND or VDD
23
pF
Output Capacitance
1
COUT
VOUT = GND or VDD
23
pF
Operating Supply
Current
High-level output
voltage
VOH
Low-level output voltage
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com