Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P935 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS9P935
Description  DDR I/DDR II Phase Lock Loop Zero Delay Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9P935 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS9P935 Datasheet HTML 4Page - Renesas Technology Corp ICS9P935 Datasheet HTML 5Page - Renesas Technology Corp ICS9P935 Datasheet HTML 6Page - Renesas Technology Corp ICS9P935 Datasheet HTML 7Page - Renesas Technology Corp ICS9P935 Datasheet HTML 8Page - Renesas Technology Corp ICS9P935 Datasheet HTML 9Page - Renesas Technology Corp ICS9P935 Datasheet HTML 10Page - Renesas Technology Corp ICS9P935 Datasheet HTML 11Page - Renesas Technology Corp ICS9P935 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
IDTTM/ICSTM
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
ICS9P935
REV H
12/1/08
ICS9P935
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
8
Timing Requirements
Switching Characteristics
3
Notes:
1.
Refers to transition on noninverting output in PLL bypass mode.
2.
While the pulse skew is almost constant over frequency, the duty cycle error increases at
higher frequencies. This is due to the formula: duty cycle=twH/tc, were the cycle (tc)
decreases as the frequency goes up.
3.
Switching characteristics guaranteed for application frequency range.
4.
Static phase offset shifted by design.
TA = 0 - =70°C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Max clock frequency
freqop
2.5V+0.2V @ 25
oC
45
600
MHz
Application Frequency
Range
freqApp
2.5V+0.2V @ 25
oC
95
233
MHz
Input clock duty cycle
dtin
40
60
%
CLK stabilization
TSTAB
15
µs
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Low-to high level
propagation delay time
tPLH
1
BUF_IN to any output
3.5
ns
High-to low level propagation
delay time
tPLL
1
BUF_IN to any output
3.5
ns
Period jitter
Tjit (per)
100MHz to 200MHz
-30
30
ps
Half-period jitter
t(jit_hper)
100MHz to 200MHz
-100
100
ps
Input clock slew rate
tsl(i)
14
V/ns
Output clock slew rate
tsl(o)
12
V/ns
Cycle to Cycle Jitter
1
Tcyc-Tcyc
100MHz to 200MHz
-50
50
ps
Static Phase Offset
t(static phase offset)
4
-50
0
50
ps
Output to Output Skew
Tskew
40
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com