Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P935 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9P935
Description  DDR I/DDR II Phase Lock Loop Zero Delay Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9P935 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9P935 Datasheet HTML 1Page - Renesas Technology Corp ICS9P935 Datasheet HTML 2Page - Renesas Technology Corp ICS9P935 Datasheet HTML 3Page - Renesas Technology Corp ICS9P935 Datasheet HTML 4Page - Renesas Technology Corp ICS9P935 Datasheet HTML 5Page - Renesas Technology Corp ICS9P935 Datasheet HTML 6Page - Renesas Technology Corp ICS9P935 Datasheet HTML 7Page - Renesas Technology Corp ICS9P935 Datasheet HTML 8Page - Renesas Technology Corp ICS9P935 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ICS9P935
IDTTM/ICSTM
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
ICS9P935
REV H
12/1/08
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
DATASHEET
1
FB_IN
SCLK
SDATA
CLK_INT
CLK_INC
Control
Logic
FB_OUT
DDRT0
DDRC0
DDRT1
DDRC1
DDRT2
DDRC2
DDRT3
DDRC3
DDRT4
DDRC4
DDRT5
DDRC5
PLL
Description
Output Features
DDR I/DDR II Zero Delay Clock Buffer
Low skew, low jitter PLL clock driver
Max frequency supported = 400MHz (DDRII 800)
•I
2C for functional and output control
Feedback pins for input to output synchronization
Spread Spectrum tolerant inputs
Programmable skew through SMBus
Frequency defect control thorugh SMBus
Individual output control programmable through SMBus
Funtional Block Diagram
Key Specifications
CYCLE - CYCLE jitter: <100ps
OUTPUT - OUTPUT skew: <100ps
DUTY CYCLE: 48% - 52%
28-pin SSOP package
Available in RoHS compliant packaging
Operates @ 2.5V or 1.8V
Pin Configuration
DDRC0 1
28 GND
DDRT0 2
27 DDRC5
VDD2.5/1.8 3
26 DDRT5
DDRT1 4
25 VDD2.5/1.8
DDRC1 5
24 GND
GND 6
23 DDRC4
VDDA2.5/1.8 7
22 DDRT4
GND 8
21 VDD2.5/1.8
CLK_INT 9
20 SDATA
CLK_INC 10
19 SCLK
VDD2.5/1.8 11
18 FB_IN
DDRT2 12
17 FB_OUT
DDRC2 13
16 DDRT3
GND 14
15 DDRC3
28-SSOP/TSSOP


Similar Part No. - ICS9P935

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
ICS9P935YFLF-T IDT-ICS9P935YFLF-T Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
ICS9P935YGLF-T IDT-ICS9P935YGLF-T Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
More results

Similar Description - ICS9P935

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93732 ICST-ICS93732 Datasheet
482Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93722 ICST-ICS93722 Datasheet
54Kb / 6P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93776 ICST-ICS93776 Datasheet
82Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
DDR Phase Lock Loop Zero Delay Clock Buffer
2019
ICS93732 RENESAS-ICS93732 Datasheet
313Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
2019
ICS93735 RENESAS-ICS93735 Datasheet
160Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
02/11/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com