Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P935 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS9P935
Description  DDR I/DDR II Phase Lock Loop Zero Delay Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9P935 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS9P935 Datasheet HTML 5Page - Renesas Technology Corp ICS9P935 Datasheet HTML 6Page - Renesas Technology Corp ICS9P935 Datasheet HTML 7Page - Renesas Technology Corp ICS9P935 Datasheet HTML 8Page - Renesas Technology Corp ICS9P935 Datasheet HTML 9Page - Renesas Technology Corp ICS9P935 Datasheet HTML 10Page - Renesas Technology Corp ICS9P935 Datasheet HTML 11Page - Renesas Technology Corp ICS9P935 Datasheet HTML 12Page - Renesas Technology Corp ICS9P935 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
IDTTM/ICSTM
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
ICS9P935
REV H
12/1/08
ICS9P935
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9
1.
The IDT clock generator is a slave/receiver, I
2C component. It can read back the data stored in the latches for verification.
Read-Back will support SMBus block read protocol.
2.
The data transfer rate supported by this clock generator is 100K bits/sec or less (standard mode)
3.
The input is operating at 3.3V logic levels.
4.
The data byte format is 8 bit bytes.
5.
To simplify the clock generator I
2C interface, the protocol is set to use only "Block-Writes" from the controller. The bytes must
be accessed in sequential order from lowest to highest byte with the ability to stop after any complete byte has been transferred.
The Command code and Byte count shown above must be sent, The data is loaded until a Stop sequence is issued.
6.
At power-on, all registers are set to a default condition, as shown.
Notes:
General I
2C serial interface information for the ICS9P935
How to Write:
• Controller (host) sends a start bit.
• Controller (host) sends the write address D4
(H)
• ICS clock will
acknowledge
• Controller (host) sends the begining byte location = N
• ICS clock will
acknowledge
• Controller (host) sends the data byte count = X
• ICS clock will
acknowledge
• Controller (host) starts sending
Byte N through
Byte N + X -1
(see Note 2)
• ICS clock will
acknowledge each byte one at a time
• Controller (host) sends a Stop bit
How to Read:
• Controller (host) will send start bit.
• Controller (host) sends the write address D4
(H)
• ICS clock will
acknowledge
• Controller (host) sends the begining byte
location = N
• ICS clock will
acknowledge
• Controller (host) will send a separate start bit.
• Controller (host) sends the read address D5
(H)
• ICS clock will
acknowledge
• ICS clock will send the data byte count = X
• ICS clock sends
Byte N + X -1
• ICS clock sends
Byte 0 through byte X (if X
(H)
was written to byte 8).
• Controller (host) will need to acknowledge each byte
• Controllor (host) will send a not acknowledge bit
• Controller (host) will send a stop bit
ICS (Slave/Receiver)
T
WR
ACK
ACK
ACK
ACK
ACK
P
Byte N + X - 1
Data Byte Count = X
Beginning Byte N
stoP bit
Index Block Write Operation
Slave Address D4(H)
Beginning Byte = N
WRite
starT bit
Controller (Host)
TstarT bit
WR
WRite
RT
Repeat starT
RD
ReaD
Beginning Byte N
Byte N + X - 1
N
Not acknowledge
PstoP bit
ICS (Slave/Receiver)
Controller (Host)
ACK
ACK
Data Byte Count = X
ACK
Slave Address D5(H)
Index Block Read Operation
Slave Address D4(H)
Beginning Byte = N
ACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com