Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P935 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS9P935
Description  DDR I/DDR II Phase Lock Loop Zero Delay Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9P935 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS9P935 Datasheet HTML 3Page - Renesas Technology Corp ICS9P935 Datasheet HTML 4Page - Renesas Technology Corp ICS9P935 Datasheet HTML 5Page - Renesas Technology Corp ICS9P935 Datasheet HTML 6Page - Renesas Technology Corp ICS9P935 Datasheet HTML 7Page - Renesas Technology Corp ICS9P935 Datasheet HTML 8Page - Renesas Technology Corp ICS9P935 Datasheet HTML 9Page - Renesas Technology Corp ICS9P935 Datasheet HTML 10Page - Renesas Technology Corp ICS9P935 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
IDTTM/ICSTM
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
ICS9P935
REV H
12/1/08
ICS9P935
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
7
Recommended Operating Condition (see note 1)
Notes:
1.
Unused inputs must be held high or low to prevent them from floating.
2.
DC input signal voltage specifies the allowable DC execution of differential input.
3.
Differential inputs signal voltages specifies the differential voltage [VTR-VCP] required
for switching, where VT is the true input level and VCP is the complementary input level.
4.
Differential cross-point voltage is expected to track variations of VDD and is the voltage
at which the differential signal must be crossing.
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD, AVDD
2.3
2.5
2.7
V
DDRT,DDRC
0.4
VDD/2 - 0.18
V
DDRT,DDRC
VDD/2 + 0.18
2.1
V
DC input signal voltage
(note 2)
VIN
-0.3
VDD + 0.3
V
DC - DDRT
0.36
VDD + 0.6
V
AC - DDRT
0.7
VDD + 0.6
V
Output differential cross-
voltage (note 4)
VOX
VDD/2 - 0.15
VDD/2 + 0.15
V
Input differential cross-
voltage (note 4)
VIX
VDD/2 - 0.2
VDD/2
VDD/2 + 0.2
V
High level output
current
IOH
-30
mA
Low level output current
IOL
-30
mA
Operating free-air
temperature
TA
085
°C
Differential input signal
voltage (note 3)
VID
Low level input voltage
VIL
High level input voltage
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com