Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8250ARZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8250ARZ-R7
Description  12MHz 20V/us G=1,2,5,10 Programmable Gain iCMOS Instrumentation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250ARZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8250ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD8250
Preliminary Technical Data
Rev. PrB | Page 4 of 8
AD8250ARM
Parameter
Conditions
Min
Typ
Max
Unit
Average TC
pA/
°C
Input Offset Current
5
10
nA
Over Temperature
T = -40
°C to +85°C
nA
Average TC
1.5
pA/
°C
DYNAMIC RESPONSE
Small Signal -3dB Bandwidth
G=1
17
MHz
G=2
15
MHz
G=5
10
MHz
G=10
3.5
MHz
Settling Time 0.01%
10 V Step
G=1
0.5
μS
G=2
μS
G=5
μS
G=10
μS
Settling Time 0.001%
10 V Step
G=1
1.5
μS
G=2
μS
G=5
μS
G=10
μS
Slew Rate
G=1
20
35
V/
μS
G=2
30
35
V/
μS
G=5
30
35
V/
μS
G=10
30
35
V/
μS
Total Harmonic Distortion +
Noise
RL = 100kOhms, G=1
%
RL = 2kOhms, G=1
%
GAIN
Gain Range: 1, 2, 5, 10
1
10
V/V
Gain Error
VOUT=
±10 V
G=1
0.05
%
G=2
G=5
G=10
Gain Nonlinearity
VOUT = –10 V to +10 V
G=1, RL = 10 k
Ω
4
ppm
G=2, RL = 10 k
Ω
4
ppm
G=5, RL = 10 k
Ω
4
ppm
G=10, RL = 10 k
Ω
4
ppm
Gain Nonlinearity
G=1-10, RL = 2 k
Ω
4
ppm
Gain vs. Temperature
All Gains
10
ppm/
°C
INPUT
Input Impedance
Differential
1
|| 2
G
Ω|| pF
Common Mode
1
|| 2
G
Ω|| pF
Input Operating Voltage Range
VS =
±5 V to ±12 V
-Vs + 1
+Vs
1.5
V
Over Temperature
T = -40
°C to +85°C
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com