Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8250ARZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8250ARZ-R7
Description  12MHz 20V/us G=1,2,5,10 Programmable Gain iCMOS Instrumentation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250ARZ-R7 Datasheet(HTML) 7 Page - Analog Devices

  AD8250ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary Technical Data
AD8250
Rev. PrB| Page 7 of 8
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
AD8250
TOP VIEW
(Not to Scale)
-IN
1
DGND
2
-VS
3
A0
4
A1
5
+IN
VREF
+VS
VOUT
WR
10
9
8
7
6
Figure 4. 10-Lead MSOP
Table 3. Pin Function Descriptions—
10-Lead MSOP(ARM PACKAGE)
Pin No.
Name
Description
1
-IN
Inverting Input Terminal (True
differential input)
2
DGND
Digital Ground.
3
-Vs
Negative Supply Terminal
4
A0
Gain Setting Pin (LSB)
5
A1
Gain Setting Pin (MSB)
6
WR
Write Enable
7
VOUT
Output Terminal
8
+Vs
Positive Supply Terminal
9
VREF
Reference Voltage Terminal (drive this
pin with a low impedance voltage
source to level shift the output signal)
10
+IN
Non-inverting Input Terminal (True
differential input)
GAIN SETTING
The AD8250’s gains are set digitally. The A0 and A1 pins must
be set either HIGH or LOW with respect to digital ground,
DGND. The WR pin is a tri-state switch. It may be set to one of
three levels, HIGH, LOW or to –VS. A HIGH signal is typically
greater than 4V but less than 6V and a LOW signal is typically
less than 1V but higher than DGND, 0V. Gains can be
programmed using the following methods:
TRANSPARENT GAIN SETTING MODE:
In this mode, the gain is set by toggling A0 and A1 to HIGH or
LOW. To enable transparent mode, tie WR to –Vs. This
configures the AD8250 to change gains when A0 and A1 are set
according to Table 4.
Table 4. . Transparent Mode Gain Settings
G
WR
A1
A0
1
-Vs
LO
LO
2
-Vs
LO
HI
5
-Vs
HI
LO
10
-Vs
HI
HI
WRITE ENABLE GAIN SETTING MODE:
In this mode, the gains are changed only during the negative
edge of the WR strobe. So for instance, the gain is determined
by the two bit value held on A0 and A1 at the time the WR
strobe transitions from HIGH to LOW.
tWR-LO
tWR-HI
tSU
tHD
WR
A0, A1
Table 5. : Write Enable Mode Gain Settings
Gain (changes to)
WR
A1
A0
1
HI -> LO
LO
LO
2
HI -> LO
LO
HI
5
HI -> LO
HI
LO
10
HI -> LO
HI
HI
No Change
LO->LO
X
X
No Change
LO->HI
X
X
No Change
HI-> HI
X
X
X = don’t care
.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com