Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8250ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8250ARZ-R7
Description  12MHz 20V/us G=1,2,5,10 Programmable Gain iCMOS Instrumentation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8250ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
12MHz 20V/μs G=1,2,5,10 Programmable
Gain iCMOS™ Instrumentation Amplifier
Preliminary Technical Data
AD8250
Rev.PrB
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
Easy to Use
Programmable Gains: 1, 2, 5, 10
Digital or Pin Programmable Gain Setting
Temp Range -40
°C to 85°C
EXCELLENT DC PERFORMANCE
High CMRR 100dB G=10
Low Gain Drift: 10ppm/
°C
Low Offset Drift: 1uV/
°C
Low Offset: 70uV G=10
EXCELLENT AC PERFORMANCE
Fast Settle Time: 0.5us to 0.01%
High Slew Rate: 20V/μs
High CMRR over Frequency: 80dB to 50kHz
Low Noise: 13nV
√Hz, G=10
Low Power: 3.5 mA (typ)
Supply:
±5V to ±12V
Applications
Data Acquisition
Bio-Medical Analysis
Test and Measurement
High Performance System Monitoring
A1
A0
DGD
WR
Logic
AD8250
OUT
+VS
-VS
REF
+IN
-IN
Figure 1. Functional Block Diagram
1GHz
100MHz
10MHz
1MHz
100kHz
10kHz
1kHz
100Hz
30
20
10
0
-10
-20
-30
Frequency
Figure 2. Gain vs Frequency
GENERAL DESCRIPTION
The AD8250 is a digitally gain programmable
instrumentation amplifier that has high GΩ input
impedance and low distortion making it suitable for sensor
interfacing and driving high sample rate analog to digital
converters. It has high bandwidth of 12MHz, low distortion
and settle time of 0.5us to 0.01%. Offset drift and gain drift
are limited to 1uV/°C and 10ppm/°C respectively. In
addition to its wide input common-voltage range, it boasts a
high common-mode rejection of 80dB at G=1 from DC to
50kHz. The combination of precision DC performance
coupled with high speed capabilities make the AD8250 an
excellent candidate for data acquisition and medical
applications. Furthermore, this monolithic solution
simplifies design, manufacturing and boosts performance of
instrumentation by maintaining tight match of internal
resistors and amplifiers.
The AD8250’s user interface comprises of a parallel port that
allows users to set the gain in one of three different ways. A
two bit word sent to A1 and A2, via a bus may be latched
using the WR input. An alternative is to set the gain within
1μs by using the gain port in transparent mode where the
state of A0 and A1 directly set the gain. The last method is
to strap A1 and A2 to a high or low voltage potential,
permanently setting the gain.
The AD8250 is available in a 10 pin MSOP package and
specified over -40°C to 85°C, making it an excellent solution
for applications where size and packing density are


Similar Part No. - AD8250ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8250ARMZ AD-AD8250ARMZ Datasheet
835Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. C
AD8250ARMZ AD-AD8250ARMZ Datasheet
932Kb / 25P
10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
Rev. C
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
835Kb / 24P
10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
REV. C
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
835Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. C
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
932Kb / 25P
10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
Rev. C
More results

Similar Description - AD8250ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
Programmable Gain Instrumentation Amplifier
REV.D
logo
Burr-Brown (TI)
PGA204 BURR-BROWN-PGA204 Datasheet
261Kb / 14P
Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8251 AD-AD8251 Datasheet
128Kb / 8P
12MHz 20V/us G=1,2,4,8 Programmable Gain iCMOS Instrumentation Amplifier
AD625 AD-AD625_15 Datasheet
465Kb / 15P
Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. C
AD8251 AD-AD8251_15 Datasheet
637Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. B
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. B
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD625 AD-AD625_16 Datasheet
561Kb / 16P
Programmable Gain Instrumentation Amplifier
REV. D
AD625 AD-AD625_17 Datasheet
497Kb / 16P
Programmable Gain Instrumentation Amplifier
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com