Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8250ARZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8250ARZ-R7
Description  12MHz 20V/us G=1,2,5,10 Programmable Gain iCMOS Instrumentation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250ARZ-R7 Datasheet(HTML) 6 Page - Analog Devices

  AD8250ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD8250
Preliminary Technical Data
Rev. PrB | Page 6 of 8
ABSOLUTE MAXIMUM RATINGS
Table 2. AD8250 Absolute Maximum Ratings
Parameter
Rating
Supply Voltage
+/-14V
Power Dissipation
See Figure 2
Output Short Circuit Current
Common-Mode Input Voltage
-Vs – 0.5 V to +Vs + 0.5 V
Differential Input Voltage
V
Storage Temperature
–65°C to +125°C
Operating Temperature Range
–40°C to +85°C
Lead Temperature Range
(Soldering 10 sec)
°C
Junction Temperature
°C
ΘJA (4 layer JEDEC Standard
°C/W
Board)
Package Glass Transition
Temperature
°C
ESD (Human Body Model)
kV
ESD (Charge Device Model)
kV
ESD (Machine Model)
kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other condition s above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com