Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8250ARZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8250ARZ-R7
Description  12MHz 20V/us G=1,2,5,10 Programmable Gain iCMOS Instrumentation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250ARZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8250ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8250ARZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Technical Data
AD8250
Rev. PrB| Page 3 of 8
AD8250—SPECIFICATIONS
Table 1. VS = ±12 V, VREF = 0 V (@TA = 25oC, G = +1, RL = 2 kΩ, unless otherwise noted.)
AD8250ARM
Parameter
Conditions
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO
(CMRR)
CMRR to 60 Hz with 1 k
Ω Source
Imbalance
VCM = -10 V to +10 V
G = 1
80
dB
G = 2
86
dB
G = 5
94
dB
G = 10
100
dB
CMRR to 50kHz
VCM = -10 V to +10 V
G = 1
80
dB
G = 2
dB
G = 5
dB
G = 10
dB
NOISE
Voltage Noise, 1kHz
G=1
32
nV/√Hz
G=2
20
nV/√Hz
G=5
14
nV/√Hz
G=10
13
nV/√Hz
RTI, 0.1 Hz to 10 Hz
G=1
μV p-p
G=2
μV p-p
G=5
μV p-p
G=10
μV p-p
Current Noise
f = 1kHz
fA/√Hz
VOLTAGE OFFSET
Offset, VOS
G=1, VS =
±5 V to ±12 V
250
μV
Over Temperature
T = -40
°C to +85°C
μV
Average TC
T = -40
°C to +85°C
μV/°C
Offset, VOS
G=2, VS =
±5 V to ±12 V
150
μV
Over Temperature
T = -40
°C to +85°C
μV
Average TC
T = -40
°C to +85°C
μV/°C
Offset, VOS
G=5, VS =
±5 V to ±12 V
90
μV
Over Temperature
T = -40
°C to +85°C
μV
Average TC
T = -40
°C to +85°C
μV/°C
Offset, VOS
G=10, VS =
±5 V to ±12 V
70
μV
Over Temperature
T = -40
°C to +85°C
μV
Average TC
T = -40
°C to +85°C
μV/°C
Offset Referred to the Input vs.
Supply (PSR)
VS =
±8 V to ±12 V
G = 1
115
dB
G = 2
110
dB
G = 5
110
dB
G = 10
96
110
dB
INPUT CURRENT
Input Bias Current
10
25
nA
Over Temperature
T = -40
°C to +85°C
35
nA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com