Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5385ACPZ-R7
Description  50 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5385ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADL5385
Rev. 0 | Page 4 of 24
Parameter
Conditions
Min
Typ
Max
Unit
Second Baseband Harmonic
(FLO − (2 × FBB)), POUT = 5 dBm
−80
dBc
Third Baseband Harmonic
(FLO + (3 × FBB)), POUT = 5 dBm
−53
dBc
Output IP2
F1 = 3.5 MHz, F2 = 4.5 MHz, POUT = −3 dBm per tone
71
dBm
Output IP3
F1 = 3.5 MHz, F2 = 4.5 MHz, POUT = −3 dBm per tone
26
dBm
Quadrature Phase Error
0.39
degrees
I/Q Amplitude Balance
−0.03
dB
Noise Floor
20 MHz offset from LO, all BB inputs at a bias of 500 mV
−159
dBm/Hz
20 MHz offset from LO, output power = −5 dBm
−157
dBm/Hz
Output Return Loss
−21
dB
OUTPUT FREQUENCY = 860 MHz
Output Power
Single (lower) sideband output
2.5
5.3
6.5
dBm
Output P1 dB
11
dBm
Carrier Feedthrough
Unadjusted (nominal drive level)
−41
−35
dBm
@ +85°C after optimization at +25°C
−63
dBm
@ −40°C after optimization at +25°C
−65
dBm
Sideband Suppression
Unadjusted (nominal drive level)
−41
−35
dBc
@ +85°C after optimization at +25°C
−58
dBc
@ −40°C after optimization at +25°C
−59
dBc
Second Baseband Harmonic
(FLO − (2 × FBB)), POUT = 5 dBm
−73
−57
dBc
Third Baseband Harmonic
(FLO + (3 × FBB)), POUT = 5 dBm
−50
−45
dBc
Output IP2
F1 = +3.5 MHz, F2 = +4.5 MHz, POUT = −3 dBm per tone
70
dBm
Output IP3
F1 = +3.5 MHz, F2 = +4.5 MHz, POUT = −3 dBm per tone
25
dBm
Quadrature Phase Error
0.67
degrees
I/Q Amplitude Balance
−0.03
dB
Noise Floor
20 MHz offset from LO, all BB inputs at a bias of 500 mV
−159
dBm/Hz
20 MHz offset from LO, output power = −5 dBm
−157
dBm/Hz
Output Return Loss
−19
dB
OUTPUT FREQUENCY =
1450 MHz
Output Power
Single (lower) sideband output
4.4
dBm
Output P1 dB
10
dBm
Carrier Feedthrough
Unadjusted (nominal drive level)
−36
dBm
@ +85°C after optimization at +25°C
−50
dBm
@ −40°C after optimization at +25°C
−50
dBm
Sideband Suppression
Unadjusted (nominal drive level)
−44
dBc
@ +85°C after optimization at +25°C
−61
dBc
@ −40°C after optimization at +25°C
−51
dBc
Second Baseband Harmonic
(FLO − (2 × FBB)), POUT = 4 dBm
−64
dBc
Third Baseband Harmonic
(FLO + (3 × FBB)), POUT = 4 dBm
−52
dBc
Output IP2
F1 = 3.5 MHz, F2 = 4.5 MHz, POUT = −3 dBm per tone
63
dBm
Output IP3
F1 = 3.5 MHz, F2 = 4.5 MHz, POUT = −3 dBm per tone
24
dBm
Quadrature Phase Error
0.42
degrees
I/Q Amplitude Balance
−0.02
dB
Noise Floor
20 MHz offset from LO, all BB inputs at a bias of 500 mV
−160
dBm/Hz
Output Return Loss
−33
dB
OUTPUT FREQUENCY =
1900 MHz
Output Power
Single (lower) sideband output
3.4
dBm
Output P1 dB
9
dBm
Carrier Feedthrough
Unadjusted (nominal drive level)
−35
dBm
@ +85°C after optimization at +25°C
−51
dBm
@ −40°C after optimization at +25°C
−51
dBm
Sideband Suppression
Unadjusted (nominal drive level)
−33
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com