Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5385ACPZ-R7
Description  50 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5385ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADL5385
Rev. 0 | Page 19 of 24
EVALUATION BOARD
A populated, RoHS-compliant ADL5385 evaluation board is available. The ADL5385 has an exposed paddle underneath the package,
which is soldered to the board. The evaluation board is designed without any components on the underside so that heat can be applied to
the underside for easy removal and replacement of the ADL5385.
R22
10kΩ
VPOS
GND
VPOS
VPOS
SW21
R21
49.9Ω
OFF
ON
LO
VOUT
ENBL
RFPQ
0Ω
RFNQ
0Ω
CFPQ
OPEN
CFNQ
OPEN
QBBP
QBBN
24 VPS3
23 VPS3
22 LOIN
21 LOIP
20 COM3
19 COM3
VOUT 7
VPS1 8
VPS1 9
TEMP 10
VPS2 11
ENBL 12
ADL5385
4 × 4 LFCSP
EXPOSED PADDLE
TEMP
ENB
RTQ
OPEN
R11
0Ω
RFNI
0Ω
RFPI
0Ω
CFNI
OPEN
CFPI
OPEN
IBBN
IBBP
RTI
OPEN
CLOP
0.1µF
CLON
0.1µF
C11
OPEN
C12
0.1µF
R12
0Ω
RTEMP
200Ω
C14
0.1µF
C13
OPEN
C16
0.1µF
C15
OPEN
COUT
0.1µF
R13
0Ω
Figure 41. Evaluation Board Schematic
Table 8. Evaluation Board Configuration Options
Component
Function
Default Condition
VPOS, GND
Power Supply and Ground Clip Leads.
Not applicable
SW21, R21,
R22, ENB Test
Point, ENBL
SMA
Device Enable. Set SW21 to the OFF position to power down the device; set SW21 to the ON
position to enable the device. Part can be driven from an external enable control source via the
test point or the SMA connector. R21 provides a 50 Ω termination for any 50 Ω driving source.
R21 = 50 Ω, R22 =
10k Ω, SW21 = ON
RFNQ, CFNQ,
RTQ, CFPQ,
RFPQ, RFNI,
CFNI, RTI, CFPI,
RFPI
Baseband Input Filters. These components can be used to implement a low-pass filter for the
baseband signals.
RFNQ, RFPQ, RFNI
RFPI = 0 Ω (0402)
RTQ, RTI = open
(0402)
CFNQ, CFPQ, CFNI,
CFPI = open (0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com