Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5385ACPZ-R7
Description  50 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5385ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADL5385
Rev. 0 | Page 16 of 24
Using AD9777 Auxiliary DAC for Carrier Feedthrough
Nulling
The AD9777 features an auxiliary DAC that can be used to
inject small currents into the differential outputs for each
channel. The auxiliary DAC can produce the small offset
currents necessary to implement the nulling described in the
Carrier Feedthrough Nulling section.
155 Mbps (STM-1) 128 QAM TRANSMITTER
Figure 34 shows how the ADL5385 can be interfaced to the
AD9777 DAC (or any Analog Devices dual DAC with an output
bias level of 0.5 V) to generate a 155 Mbps 128 QAM carrier at
355 MHz. Because the TxDAC output and the IQ modulator inputs
operate at the same bias levels of 0.5 V, a simple dc-coupled
connection can be implemented without any active or passive
level shifting. The bias level and modulator drive level is set by
the 50 Ω ground-referenced resistors and the 100 Ω shunt
resistors, respectively (see the DAC Modulator Interfacing
section). A baseband filter is placed between the bias and signal
swing resistors. This 5-pole Chebychev filter with in-band
ripple of 0.1 dB has a corner frequency of 39 MHz.
ADL5385
1/2
AD9777
I
CHANNEL
50Ω
67.5pF
50Ω
67.5pF
156.9pF
156.9pF
124.7pF
124.7pF
50Ω LINE
50Ω LINE
100Ω LINE
0Ω
100Ω LINE
317.4nH
372.5nH
317.4nH
372.5nH
0Ω
200Ω
IBBP
IBBN
1/2
AD9777
Q
CHANNEL
50Ω
67.5pF
50Ω
67.5pF
156.9pF
156.9pF
124.7pF
124.7pF
50Ω LINE
50Ω LINE
100Ω LINE
0Ω
100Ω LINE
317.4nH
372.5nH
317.4nH
372.5nH
0Ω
200Ω
QBBP
QBBN
Figure 34. Recommended DAC-Modulator Interconnect for128 QAM
Transmitter
Figure 35 shows a spectral plot of the 128 QAM spectrum at
a carrier power of −6.3 dBm. Figure 36 shows how EVM
(measured with the analyzer’s internal equalizer both on and
off) and SNR, measured at 55 MHz carrier offset (2.5 times the
carrier bandwidth) varies with output power.
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
290
420
410
390 400
380
370
360
350
340
330
320
310
300
FREQUENCY (MHz)
Figure 35. Spectral Plot of 128 QAM Transmitter at −6.3 dBm Output Power
79
65
–18
0
CARRIER POWER (dBm)
77
75
73
71
69
67
0.7
0
0.6
0.5
0.4
0.3
0.2
0.1
–2
–4
–6
–8
–10
–12
–14
–16
SNR
EVM WITHOUT EQUALIZATION
EVM WITH EQUALIZATION
Figure 36. EVM and SNR vs. Output Power for 128 QAM Transmitter
Application
CMTS TRANSMITTER APPLICATION
Because of its broadband operating range from 50 MHz to
2200 MHz, the ADL5385 can be used in direct-launch cable
modem termination systems (CMTS) applications in the
50 MHz to 860 MHz cable band.
The same DAC and DAC-to-modulator interface and filtering
circuit shown in Figure 34 was used in this application. Figure 37
shows a plot of a 4-carrier 256 QAM spectrum at an output
frequency of 485 MHz. Figure 38 shows how adjacent channel
power (measured at 750 KHz, 5.25 MHz, and 12 MHz offset
from the last carrier) and modulation error ratio (MER) vary
with carrier power.
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
430
540
530
520
510
500
490
480
470
460
450
440
FREQUENCY (MHz)
Figure 37. Spectrum of 4-Carrier 256 QAM CMTS Signal at 485 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com