Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5385ACPZ-R7
Description  50 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5385ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADL5385
Rev. 0 | Page 9 of 24
–10
–15
–5
0
5
10
15
BASEBAND AMPLITUDE (V p-p)
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
SSB OUTPUT POWER (dBm)
CARRIER FEEDTHROUGH (dBm)
SIDEBAND SUPPRESSION (dBc)
SECOND-ORDER DISTORTION (dBc)
THIRD-ORDER DISTORTION (dBc)
–80
–70
–60
–50
–40
–30
–20
Figure 9. SSB Output Power, Second- and Third-Order Distortion,
Carrier Feedthrough and Sideband Suppression vs. Baseband Single-
Ended Input Level; Output Frequency = 860 MHz
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
50
550
1050
1550
2050
OUTPUT FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 10. Sideband Suppression vs. Output Frequency and
Temperature
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
1M
10M
100M
BASEBAND FREQUENCY (Hz)
Figure 11. Sideband Suppression vs. Baseband Frequency;
Output Frequency = 350 MHz
0.6900
0.6925
0.6950
0.6975
0.7000
0.7025
0.7050
0.7075
0.7100
50
250
450
650
850
1050 1250 1450 1650 1850
OUTPUT FREQUENCY (MHz)
Figure 12. Distribution of Peak Q Amplitude to Null Undesired Sideband
(Peak I Amplitude Held Constant at 0.7 V)
88
89
90
91
92
93
94
95
96
97
98
OUTPUT FREQUENCY (MHz)
50
250
450
650
850
1050 1250 1450 1650 1850
Figure 13. Distribution of IQ Phase to Null Undesired Sideband
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
50
250
450
650
850
1050 1250 1450 1650 1850
OUTPUT FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 14. Sideband Suppression Distribution at Temperature Extremes,
After Sideband Suppression Nulled to < −50 dBc at TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com