Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5385ACPZ-R7
Description  50 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5385ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADL5385
Rev. 0 | Page 11 of 24
0
2
4
6
8
10
12
14
16
18
20
–156.7 –156.6 –156.5 –156.4 –156.3 –156.2 –156.1 –156.0 –155.9
dBm/Hz AT 20MHz OFFSET FROM LO FREQUENCY
0
180
30
330
60
90
270
300
120
240
150
210
S11 OF LOIP
S22 OF OUTPUT
2200MHz
4400MHz
50MHz
100MHz
Figure 21. 20 MHz Offset Noise Floor Distribution,
Output Frequency = 350 MHz, POUT = −5 dBm, QPSK Carrier,
Symbol Rate = 3.84 MSPS
20
0
–155.2
dBm/Hz AT 12MHz OFFSET FROM LO FREQUENCY
18
16
14
12
10
8
6
4
2
–155.1 –155.0 –154.9 –154.8 –154.7 –154.6 –154.5 –154.4
Figure 24. Output Impedance and LO Input Impedance vs. Frequency
0.150
0.175
0.200
0.225
0.250
0.275
0.300
–40
25
85
TEMPERATURE (°C)
VS = 5.5V
VS = 5V
VS = 4.75V
Figure 22. 12 MHz Offset Noise Floor Distribution,
Output Frequency = 860 MHz, POUT = −5 dBm, 64 QAM Carrier,
Symbol Rate = 5 MSPS
Figure 25. Power Supply Current vs. Temperature and Supply Voltage
–25
–20
–15
–10
–5
0
100
530
960 1390 1820 2250 2680 3110 3540 3970 4400
LOIP FREQUENCY (MHz)
Figure 23. LO Port Input Return Loss vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com