Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1176EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1176EBZ
Description  Hot Swap Controller and I2C짰 Power Monitor with Convert Pin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1176EBZ Datasheet(HTML) 4 Page - Analog Devices

  ADM1176EBZ Datasheet HTML 1Page - Analog Devices ADM1176EBZ Datasheet HTML 2Page - Analog Devices ADM1176EBZ Datasheet HTML 3Page - Analog Devices ADM1176EBZ Datasheet HTML 4Page - Analog Devices ADM1176EBZ Datasheet HTML 5Page - Analog Devices ADM1176EBZ Datasheet HTML 6Page - Analog Devices ADM1176EBZ Datasheet HTML 7Page - Analog Devices ADM1176EBZ Datasheet HTML 8Page - Analog Devices ADM1176EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADM1176
Rev. 0 | Page 4 of 24
Parameter
Min
Typ
Max
Unit
Conditions
MONITORING ACCURACY1
Current Sense Absolute Accuracy
−1.45
+1.45
%
VSENSE = 75 mV
0°C to +70°C
−1.8
+1.8
%
VSENSE = 50 mV
0°C to +70°C
−2.8
+2.8
%
VSENSE = 25 mV
0°C to +70°C
−5.7
+5.7
%
VSENSE = 12.5 mV
0°C to +70°C
−1.5
+1.5
%
VSENSE = 75 mV
0°C to +85°C
−1.8
+1.8
%
VSENSE = 50 mV
0°C to +85°C
−2.95
+2.95
%
VSENSE = 25 mV
0°C to +85°C
−6.1
+6.1
%
VSENSE = 12.5 mV
0°C to +85°C
−1.95
+1.95
%
VSENSE = 75 mV
−40°C to +85°C
−2.45
+2.45
%
VSENSE = 50 mV
−40°C to +85°C
−3.85
+3.85
%
VSENSE = 25 mV
−40°C to +85°C
−6.7
+6.7
%
VSENSE = 12.5 mV
−40°C to +85°C
VSENSE for ADC Full Scale
105.84
mV
This is an absolute value to be used when
converting ADC codes to current readings;
any inaccuracy in this value is factored into
absolute current accuracy values (see specs
for Current Sense Absolute Accuracy)
Voltage Sense Accuracy
−0.85
+0.85
%
VVCC = 3.0 V to 5.5 V
(low range)
0°C to +70°C
−0.9
+0.9
%
VVCC = 10.8 V to 16.5 V
(high range)
0°C to +70°C
−0.85
+0.85
%
VVCC = 3.0 V to 5.5 V
(low range)
0°C to +85°C
−0.9
+0.9
%
VVCC = 10.8 V to 16.5 V
(high range)
0°C to +85°C
−0.9
+0.9
%
VVCC = 3.0 V to 5.5 V
(low range)
−40°C to +85°C
−1.15
+1.15
%
VVCC = 10.8 V to 16.5 V
(high range)
−40°C to +85°C
VCC for ADC Full Scale,
Low Range (VRANGE = 1)
6.65
V
VCC for ADC Full Scale,
High Range (VRANGE = 0)
26.52
V
These are absolute values to be used when
converting ADC codes to current readings;
any inaccuracy in these values is factored into
voltage accuracy values (see specs for Current
Sense Absolute Accuracy)
I2C TIMING
Low Level Input Voltage, VIL
0.3 VBUS
V
High Level Input Voltage, VIH
0.7 VBUS
V
Low Level Output Voltage on SDA, VOL
0.4
V
IOL = 3 mA
Output Fall Time on SDA from VIHMIN to VILMAX
20 +
0.1 CB
250
ns
CB = bus capacitance from SDA to GND
Maximum Width of Spikes Suppressed by
Input Filtering on SDA and SCL Pins
50
250
ns
Input Current, II, on SDA/SCL When Not
Driving Out a Logic Low
−10
+10
μA
Input Capacitance on SDA/SCL
5
pF
SCL Clock Frequency, fSCL
400
kHz
Low Period of the SCL Clock
600
ns
High Period of the SCL Clock
1300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com