Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1176EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1176EBZ
Description  Hot Swap Controller and I2C짰 Power Monitor with Convert Pin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1176EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM1176EBZ Datasheet HTML 4Page - Analog Devices ADM1176EBZ Datasheet HTML 5Page - Analog Devices ADM1176EBZ Datasheet HTML 6Page - Analog Devices ADM1176EBZ Datasheet HTML 7Page - Analog Devices ADM1176EBZ Datasheet HTML 8Page - Analog Devices ADM1176EBZ Datasheet HTML 9Page - Analog Devices ADM1176EBZ Datasheet HTML 10Page - Analog Devices ADM1176EBZ Datasheet HTML 11Page - Analog Devices ADM1176EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADM1176
Rev. 0 | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10141
12
16
VCC (V)
8
Figure 4. Supply Current vs. Supply Voltage
12
10
8
6
4
2
0
018
16
14
12
10
8
6
4
2
VCC (V)
10
12
16
14
8
6
4
2
VCC (V)
Figure 5. Drive Voltage (VGATE − VCC) vs. Supply Voltage
0
–14
–12
–10
–8
–6
–4
–2
018
Figure 6. Gate Pull-Up Current vs. Supply Voltage
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 7. Supply Current vs. Temperature (Gate On)
12
10
8
6
4
2
0
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
5V VCC
3.15V VCC
0
–2
–4
–6
–8
–10
–12
–14
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 8. Drive Voltage (VGATE − VCC) vs. Temperature
Figure 9. Gate Pull-Up Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com