Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1176EBZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADM1176EBZ
Description  Hot Swap Controller and I2C짰 Power Monitor with Convert Pin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1176EBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM1176EBZ Datasheet HTML 15Page - Analog Devices ADM1176EBZ Datasheet HTML 16Page - Analog Devices ADM1176EBZ Datasheet HTML 17Page - Analog Devices ADM1176EBZ Datasheet HTML 18Page - Analog Devices ADM1176EBZ Datasheet HTML 19Page - Analog Devices ADM1176EBZ Datasheet HTML 20Page - Analog Devices ADM1176EBZ Datasheet HTML 21Page - Analog Devices ADM1176EBZ Datasheet HTML 22Page - Analog Devices ADM1176EBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADM1176
Rev. 0 | Page 19 of 24
WRITE EXTENDED BYTE
In the write extended byte operation, the master device writes
to one of the three extended registers of the slave device, as
follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address, followed by the
write bit (low).
3.
The addressed slave device asserts an acknowledge on SDA.
4.
The master sends the register address byte. The MSB of
this byte is set to 1 to indicate an extended register write.
The two LSBs indicate which of the three extended
registers are to be written to (see Table 8). All other bits
should be set to 0.
5.
The slave asserts an acknowledge on SDA.
6.
The master sends the command byte. The command byte
is identified by MSB = 0. MSB = 1 indicates an extended
register write.
7.
The slave asserts an acknowledge on SDA.
8.
The master asserts a stop condition on SDA to end the
transaction.
S
SLAVE
ADDRESS
WA
REGISTER
ADDRESS
AP
REGISTER
DATA
A
12
3
4
5
6
7 8
Figure 37. Write Extended Byte
Table 9, Table 10, and Table 11 give details of each extended
register.
Table 8. Extended Register Addresses
A6
A5
A4
A3
A2
A1
A0
Extended Register
0
0
0
0
0
0
1
ALERT_EN
0
0
0
0
0
1
0
ALERT_TH
0
0
0
0
0
1
1
CONTROL
Table 9. ALERT_EN Register Operations
Bit
Default
Name
Function
0
0
EN_ADC_OC1
Enabled if a single ADC conversion on the I channel has exceeded the threshold set in the ALERT_TH
register.
1
0
EN_ADC_OC4
Enabled if four consecutive ADC conversions on the I channel have exceeded the threshold set in the
ALERT_TH register.
2
1
EN_HS_ALERT
Enabled if the hot swap has either latched off or entered a cool down cycle because of an overcurrent
event.
3
0
EN_OFF_ALERT
Enables an alert if the HS operation is turned off by a transition that deasserts the ON pin or by an
operation that writes the SWOFF bit high.
4
0
CLEAR
Clears the ON_ALERT, HS_ALERT and ADC_ALERT status bits in the STATUS register. These may
immediately reset if the source of the alert has not been cleared or disabled with the other bits in this
register. This bit self-clears to 0 after the STATUS register bits have been cleared.
Table 10. ALERT_TH Register Operations
Bit
Default
Function
7:0
FF
The ALERT_TH register sets the current level at which an alert occurs. Defaults to ADC full scale. The ALERT_TH 8-bit
number corresponds to the top eight bits of the current channel data.
Table 11. CONTROL Register Operations
Bit
Default
Name
Function
0
0
SWOFF
Forces hot swap off. Equivalent to deasserting the ON pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com