Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1176EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADM1176EBZ
Description  Hot Swap Controller and I2C짰 Power Monitor with Convert Pin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1176EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM1176EBZ Datasheet HTML 16Page - Analog Devices ADM1176EBZ Datasheet HTML 17Page - Analog Devices ADM1176EBZ Datasheet HTML 18Page - Analog Devices ADM1176EBZ Datasheet HTML 19Page - Analog Devices ADM1176EBZ Datasheet HTML 20Page - Analog Devices ADM1176EBZ Datasheet HTML 21Page - Analog Devices ADM1176EBZ Datasheet HTML 22Page - Analog Devices ADM1176EBZ Datasheet HTML 23Page - Analog Devices ADM1176EBZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADM1176
Rev. 0 | Page 21 of 24
Table 15. Status Byte Operations
Bit
Name
Function
0
ADC_OC
An ADC-based overcurrent comparison has been detected on the last three conversions
1
ADC_ALERT
An ADC-based overcurrent trip has happened, which has caused the alert. Cleared by writing to Bit 4 of the ALERT_EN
register.
2
HS_OC
The hot swap is off due to an analog overcurrent event. On parts that latch off, this is the same as the HS_ALERT status
bit (if EN_HS_ALERT = 1). On the retry parts, this indicates the current state: a 0 may indicate that the data was read
during a period when the device was retrying, or that it has successfully hot swapped by retrying after at least one
overcurrent timeout.
3
HS_ALERT
The hot swap has failed since the last time this was reset. Cleared by writing to Bit 4 of the ALERT_EN register.
4
OFF_STATUS
The state of the ON pin. Set to 1 if the input pin is deasserted. Can also be set to 1 by writing to the SWOFF bit of the
CONTROL register.
5
OFF_ALERT
An alert has been caused by either the ON pin or the SWOFF bit. Cleared by writing to Bit 4 of the ALERT_EN register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com