Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1176EBZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADM1176EBZ
Description  Hot Swap Controller and I2C짰 Power Monitor with Convert Pin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1176EBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM1176EBZ Datasheet HTML 12Page - Analog Devices ADM1176EBZ Datasheet HTML 13Page - Analog Devices ADM1176EBZ Datasheet HTML 14Page - Analog Devices ADM1176EBZ Datasheet HTML 15Page - Analog Devices ADM1176EBZ Datasheet HTML 16Page - Analog Devices ADM1176EBZ Datasheet HTML 17Page - Analog Devices ADM1176EBZ Datasheet HTML 18Page - Analog Devices ADM1176EBZ Datasheet HTML 19Page - Analog Devices ADM1176EBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADM1176
Rev. 0 | Page 16 of 24
VOLTAGE AND CURRENT READBACK
In addition to providing hot swap functionality, the ADM1176
contains the components to allow voltage and current readback
over an Inter-IC (I2C) bus. The voltage output of the current sense
amplifier and the voltage on the VCC pin are fed into a 12-bit
ADC via a multiplexer. The device can be instructed to convert
voltage and/or current at any time during operation via an I2C
command. When all conversions are complete, the voltage
and/or current values can be read out to 12-bit accuracy in
two or three bytes.
SERIAL BUS INTERFACE
Control of the ADM1176 is carried out via the I2C bus. This
interface is compatible with fast mode I2C (400 kHz maximum).
The ADM1176 is connected to this bus as a slave device under
the control of a master device.
IDENTIFYING THE ADM1176 ON THE I2C BUS
The ADM1176 has a 7-bit serial bus slave address. When the
device powers up, it does so with a default serial bus address.
The three MSBs of the address are set to 100, and the four LSBs
are determined by the state of the A0 pin and the A1 pin. There
are 16 different configurations available on the A0 pin and the
A1 pin that correspond to 16 different I2C addresses for the four
LSBs (see Table 5). This scheme allows sixteen ADM1176 devices
to operate on a single I2C bus.
Table 5. Setting I2C Addresses via the A0 Pin and the A1 Pin
A0 Configuration
A1 Configuration
Address
Low state
Low state
0x80
Low state
Resistor to GND
0x88
Low state
Floating
0x90
Low state
High state
0x98
Resistor to GND
Low state
0x82
Resistor to GND
Resistor to GND
0x8A
Resistor to GND
Floating
0x92
Resistor to GND
High state
0x9A
Floating
Low state
0x84
Floating
Resistor to GND
0x8C
Floating
Floating
0x94
Floating
High state
0x9C
High state
Low state
0x86
High state
Resistor to GND
0x8E
High state
Floating
0x96
High state
High state
0x9E
GENERAL I2C TIMING
Figure 32 and Figure 33 show timing diagrams for general read
and write operations using the I2C. The I2C specification defines
conditions for different types of read and write operations, which
are discussed later. The general I2C protocol operates as follows:
1.
The master initiates data transfer by establishing a start
condition, defined as a high-to-low transition on the serial
data line, SDA, while the serial clock line SCL remains
high. This indicates that a data stream follows. All slave
peripherals connected to the serial bus respond to the start
condition and shift in the next eight bits, consisting of a 7-
bit slave address (MSB first) plus an R/W bit that
determines the direction of the data transfer; that is,
whether data is to be written to or read from the slave
device (0 = write, 1 = read).
The peripheral whose address corresponds to the transmitted
address responds by pulling the data line low during the
low period before the ninth clock pulse, known as the
acknowledge bit, and holding it low during the high period of
this clock pulse. All other devices on the bus now remain
idle while the selected device waits for data to be read from
it or written to it. If the R/W bit is 0, the master writes to the
slave device. If the R/W bit is 1, the master reads from the
slave device.
2.
Data is sent over the serial bus in sequences of nine clock
pulses: eight bits of data followed by an acknowledge bit
from the slave device. Data transitions on the data line
must occur during the low period of the clock signal and
remain stable during the high period, because a low-to-
high transition when the clock is high can be interpreted as
a stop signal.
If the operation is a write operation, the first data byte after
the slave address is a command byte. This tells the slave
device what to expect next. It can be an instruction, such
as telling the slave device to expect a block write;
or it can be a register address that tells the slave where
subsequent data is to be written.
Because data can flow in only one direction, as defined by
the R/W bit, it is not possible to send a command to a slave
device during a read operation. Before doing a read
operation, it may first be necessary to do a write operation
to tell the slave what sort of read operation to expect
and/or the address from which data is to be read.
3.
When all data bytes have been read or written, stop
conditions are established. In write mode, the master pulls
the data line high during the 10th clock pulse to assert a
stop condition. In read mode, the master device releases
the SDA line during the low period before the ninth clock
pulse, but the slave device does not pull it low. This is
known as a no acknowledge. The master then takes the data
line low during the low period before the 10th clock pulse,
then high during the 10th clock pulse to assert a stop
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com