Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADN2891EB Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-ADN2891EB
Description  3.3 V, 3.2 Gbps, Limiting Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADN2891EB Datasheet(HTML) 3 Page - Analog Devices

  EVAL-ADN2891EB Datasheet HTML 1Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 2Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 3Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 4Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 5Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 6Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 7Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 8Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADN2891
Rev. A | Page 3 of 16
SPECIFICATIONS
Test Conditions: VCC = 2.9 V to 3.6 V, VEE = 0 V, TA = −40°C to +95°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
QUANTIZER DC CHARACTERISTICS
Input Voltage Range
1.8
2.8
V p-p
At PIN or NIN, dc-coupled
Input Common Mode
2.1
2.7
V
DC-coupled
Differential Input Range
2.0
V p-p
AC-coupled
Differential Input Sensitivity
5.2
3.5
mV p-p
3.2 Gbps, PRBS 223 − 1, BER ≤ 10−10
Input Offset Voltage
100
μV
Input RMS Noise
235
μV rms
Input Resistance
50
Ω
Single-ended
Input Capacitance
0.65
pF
QUANTIZER AC CHARACTERISTICS
Input Data Rate
155
3200
Mb/s
Small Signal Gain
50
dB
Differential
S11
−10
dB
Differential, f < 3.2 GHz
S22
−10
dB
Differential, f < 3.2 GHz
Random Jitter
4.0
6.4
ps rms
Input ≥ 10 mV p-p, OC-48, PRBS 223 − 1
Deterministic Jitter
9.0
34
ps p-p
Input ≥ 10 mV p-p, OC-48, PRBS 223 − 1
Low Frequency Cutoff
30
kHz
CAZ = Open
1.0
kHz
CAZ = 0.0 1 μF
Power Supply Rejection Ratio
45
dB
f < 10 MHz
LOSS OF SIGNAL DETECTOR (LOS)
LOS Assert Level
1.9
3.5
5.6
mV p-p
RTHRADJ = 100 kΩ
19
35
53
mV p-p
RTHRADJ = 1 kΩ
Electrical Hysteresis
2.4
5.0
dB
OC-3, PRBS 223 − 1
2.75
5.0
dB
OC-48, PRBS 223 − 1
LOS Assert Time
950
ns
DC-coupled
LOS De-Assert Time
62
ns
DC-coupled
RSSI
Input Current Range
5
1000
μA
RSSI Output Linearity
2
%
5 μA < IIN ≤ 1000 μA
Gain
1.0
mA/mA
IRSSI/IPD
Offset
145
nA
Difference between measured RSSI output
and PD_CATHODE (input) current of 5 μA
Compliance Voltage
VCC − 0.9
VCC − 0.4
V
Measured at PD_CATHODE, with I = 5 μA
or I = 1 mA
POWER SUPPLIES
VCC
2.9
3.3
3.6
V
ICC
45
49
mA
OPERATING TEMPERATURE RANGE
−40
+25
+95
°C
TMIN to TMAX
CML OUTPUT CHARACTERISTICS
Output Impedance
50
Ω
Single-ended
Output Voltage Swing
600
660
850
mV p-p
Differential
Output Rise and Fall Time
80
130
ps
20% to 80%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com