Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADN2891EB Datasheet(PDF) 9 Page - Analog Devices

Part # EVAL-ADN2891EB
Description  3.3 V, 3.2 Gbps, Limiting Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADN2891EB Datasheet(HTML) 9 Page - Analog Devices

Back Button EVAL-ADN2891EB Datasheet HTML 5Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 6Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 7Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 8Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 9Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 10Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 11Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 12Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADN2891
Rev. A | Page 9 of 16
1200
0
0
PD_CATHODE CURRENT (PHOTODIODE CURRENT) (
μA)
1200
1000
800
600
400
200
200
400
600
800
1000
0
TEMPERATURE (
°C)
–40
100
900
800
700
600
500
400
300
200
100
–20
0
20
40
60
80
Figure 17. RSSI Offset is the Difference Between Measured RSSI
Output and PD_CATHODE (Input) Current of 5 μA
Figure 14. RSSI Output vs. Average Photodiode Current
5.0
0
PD_CATHODE CURRENT (
μA)
0
1000
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
200
400
600
800
+100
°C
+30
°C
–40
°C
60
0
0
PD_CATHODE CURRENT (PHOTODIODE CURRENT) (
μA)
60
50
40
30
20
10
10
20
30
40
50
Figure 18. RSSI Linearity % vs. PD_CATHODE Current
Figure 15. RSSI Output vs. Average Photodiode Current (Zoomed)
44.5
41.0
TEMPERATURE (
°C)
–60
120
44.0
43.5
43.0
42.5
42.0
41.5
–40
–20
0
20
40
60
80
100
–0.15
–0.70
INPUT CURRENT (
μA)
0
1000
–0.20
–0.25
–0.30
–0.35
–0.40
–0.45
–0.50
–0.55
–0.60
–0.65
100
200
300
400
500
600
700
800
900
Current vs. Temperature
Figure 19. ADN2891 I
Figure 16. PD_CATHODE Compliance Voltage vs.
Input Current RSSI (Refer to VCC)
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com