Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADN2891EB Datasheet(PDF) 12 Page - Analog Devices

Part # EVAL-ADN2891EB
Description  3.3 V, 3.2 Gbps, Limiting Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADN2891EB Datasheet(HTML) 12 Page - Analog Devices

Back Button EVAL-ADN2891EB Datasheet HTML 8Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 9Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 10Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 11Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 12Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 13Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 14Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 15Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADN2891
Rev. A | Page 12 of 16
PCB Layout
As with any high speed, mixed-signal design, keep all high
speed digital traces away from sensitive analog nodes.
Figure 21 shows the recommended PCB layout. The 50 Ω
transmission lines are the traces that bring the high frequency
input and output signals (PIN, NIN, OUTP, and OUTN) to the
SMA connectors with minimum reflection. To avoid a signal
skew between the differential traces, each differential PIN/NIN
and OUTP/OUTN pair should have matched trace lengths from
the signal pins to the corresponding SMA connectors. C1, C2,
C3, and C4 are ac coupling capacitors in series with the high
speed, signal input/output paths. To minimize the possible
mismatch, the ac coupling capacitor pads should be the same
width as the 50 Ω transmission line trace width. To reduce
supply noise, a 1 nF decoupling capacitor should be placed on
the same layer as close as possible to the VCC pins. A 0.1 μF
decoupling capacitor can be placed on the bottom of the PCB
directly underneath the 1 nF capacitor. All high speed, CML
outputs have internal 50 Ω resistor termination between the
output pin and VCC. The high speed inputs, PIN and NIN, also
have the internal 50 Ω termination to an internal reference
voltage.
Soldering Guidelines for the LFCSP
The lands on the 16-lead LFCSP are rectangular. The PCB pad
for these should be 0.1 mm longer than the package land length
and 0.05 mm wider than the package land width. The land
should be centered on the pad. This ensures that the solder joint
size is maximized. The bottom of the LFCSP has a central
exposed pad. The pad on the printed circuit board should be at
least as large as the exposed pad. Users must connect the
exposed pad to VEE using filled vias so that solder does not
leak through the vias during reflow. This ensures a solid
connection from the exposed pad to VEE.
1
VIAS TO
GND
EXPOSED PAD
PIN
NIN
VIA TO C12, R2
ON BOTTOM
C11
VIA TO BOTTOM
C3
C8
C4
C1
C6
C2
OUTP
DOUBLE-VIAS TO REDUCE
INDUCTANCE TO SUPPLY
AND GND
R1, C9, C10 ON BOTTOM
TO ROSA
PLACE C7 ON
BOTTOM OF BOARD
UNDERNEATH C8
OUTN
PLACE C5 ON
BOTTOM OF BOARD
UNDERNEATH C6
∼4mm
DOUBLE-VIA TO GND
TO REDUCE INDUCTANCE
Figure 21. Recommended PCB Layout (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com