Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADN2891EB Datasheet(PDF) 8 Page - Analog Devices

Part # EVAL-ADN2891EB
Description  3.3 V, 3.2 Gbps, Limiting Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADN2891EB Datasheet(HTML) 8 Page - Analog Devices

Back Button EVAL-ADN2891EB Datasheet HTML 4Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 5Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 6Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 7Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 8Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 9Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 10Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 11Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADN2891
Rev. A | Page 8 of 16
70
0
1k
100k
RTH (Ω)
60
50
40
30
20
10
10k
+95
°C
+25
°C
–40
°C
+95
°C
+25
°C
–40
°C
DEASSERTION
ASSERTION
5.0
0
0
3.5
DATA RATE (Gbps)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.5
1.0
1.5
2.0
2.5
3.0
Figure 8. LOS Trip and Release vs. RTH at OC48
Figure 11. Random Jitter vs. Data Rate
8
0
1k
100k
RTH (Ω)
6
4
2
10k
OC48
OC3
14
0
0
3.5
DATA RATE (Gbps)
12
10
8
6
4
2
0.5
1.0
1.5
2.0
2.5
3.0
Figure 12. Deterministic Jitter vs. Data Rate
Figure 9. LOS Electrical Hysteresis vs. RTH at 25°C
70
0
100k
SUPPLY-NOISE FREQUENCY (Hz)
10M
60
50
40
30
20
10
1M
18
0
ELECTRICAL HYSTERESIS (dB)
16
14
12
10
8
6
4
2
6.0
6.3
6.6
6.9
7.2
7.5
7.8
8.1
8.4
8.7
9.0
Figure 13. PSRR vs. Supply-Noise Frequency
Figure 10. Sample Lot Distribution—Worst-Case Condition:
Conditions = 155 Mbps, 100 kΩ @ 95°C, 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com