Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADN2891EB Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-ADN2891EB
Description  3.3 V, 3.2 Gbps, Limiting Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADN2891EB Datasheet(HTML) 6 Page - Analog Devices

Back Button EVAL-ADN2891EB Datasheet HTML 2Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 3Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 4Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 5Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 6Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 7Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 8Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 9Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADN2891
Rev. A | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AVCC 1
5
6
7
8
16
15
14
13
PIN 2
TOP VIEW
(Not to Scale)
NIN 3
AVEE 4
DRVCC
12
OUTN
10
DRVEE
9
OUTP
11
ADN2891
Figure 2. Pin Configuration
Note that the LFCSP has an exposed pad on the bottom. To improve heat dissipation, the exposed pad must be soldered to the GND plane
with filled vias.
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
I/O Type
Descriptions
1
1
AVCC
P
Analog Power Supply.
2
PIN
AI
Differential Data Input, Positive Port, 50 Ω On-Chip Termination.
3
NIN
AI
Differential Data Input, Negative Port, 50 Ω On-Chip Termination.
4
AVEE
P
Analog Ground.
5
THRADJ
AO
LOS Threshold Adjust Resistor.
6
CAZ1
AI
If needed, one capacitor can connect between the CAZ1 and CAZ2 pin for
input offset correction.
7
CAZ2
AI
If needed, one capacitor can connect between the CAZ1 and CAZ2 pin for
input offset correction.
8
LOS
DO
LOS Detector Output, Open Collector.
9
DRVEE
P
Output Buffer Ground.
10
OUTN
DO
Differential Data Output, CML, Negative Port, 50 Ω On-Chip Termination.
11
OUTP
DO
Differential Data Output, CML, Positive Port, 50 Ω On-Chip Termination.
12
DRVCC
P
Output Buffer Power Supply.
13
SQUELCH
DI
Disable Outputs, 100 kΩ On-Chip Pull-Down Resistor.
14
RSSI_OUT
AO
Average Current Output.
15
PD_VCC
P
Power Input for RSSI Measurement.
16
PD_CATHODE
AO
Photodiode Bias Voltage.
Pad
P
Connect to Ground.
Exposed
Pad
1 P = power; DI = digital input; DO = digital output; AI = analog input; and AO = analog output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com