Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2-ICS20 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SL2-ICS20
Description  Smart Label IC SL2 ICS20 Functional Specification
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2-ICS20 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SL2-ICS20 Datasheet HTML 16Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 17Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 18Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 19Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 20Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 21Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 22Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 23Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Philips Semiconductors
Product Specification Rev. 3.1
February 2005
Functional Specification
Standard Label IC SL2 ICS20
20
3.5.3.2 Write and lock commands
If the address of a block to be written does not exist or a block to be written is locked the behaviour of the
Label IC is depending of the addressing mechanism.
3.5.3.2.1 Non Addressed Mode
The label IC remains silent and aborts the command without writing anything.
3.5.3.2.2 Addressed or Selected Mode
The addressed or selected label IC responds with the error code “0F” hex (error with no information given or
error code is not supported).
3.6 Data Integrity
Following mechanisms are implemented in the contactless communication link between interrogator and
label to ensure very reliable data transmission:
•
16 bit CRC per block
•
Bit count checking
•
Bit coding to distinguish between "1", "0", and no information
•
Channel monitoring (protocol sequence and bit stream analysis)
3.7 RF Interface
The definition of the RF-interface is according to the standard ISO/IEC 15693-2 and ISO/IEC 15693-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com