Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2-ICS20 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SL2-ICS20
Description  Smart Label IC SL2 ICS20 Functional Specification
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2-ICS20 Datasheet(HTML) 5 Page - NXP Semiconductors

  SL2-ICS20 Datasheet HTML 1Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 2Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 3Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 4Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 5Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 6Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 7Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 8Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Philips Semiconductors
Product Specification Rev. 3.1
February 2005
Functional Specification
Standard Label IC SL2 ICS20
5
2 GENERAL DESCRIPTION
The I•CODE SLI IC is a dedicated chip for intelligent label applications like supply chain management as well
as baggage and parcel identification in airline business and mail services. This IC is the first member of a
product family of smart label ICs based on the ISO standard ISO/IEC 15693.
The I•CODE system offers the possibility of operating labels simultaneously in the field of the reader antenna
(Anticollision). It is designed for long range applications.
2.1 Contactless Energy and Data Transfer
Whenever connected to a very simple and cheap type of antenna (as a result of the 13.56 MHz carrier
frequency) made out of a few windings printed, winded, etched or punched coil the I•CODE SLI IC can be
operated without line of sight up to a distance of 1.5 m (gate width). No battery is needed. When the smart
label is positioned in the field of an interrogator antenna, the high speed RF communication interface allows
to transmit data with up to 53 kbit/s.
2.2 Anticollision
An intelligent anticollision function allows to operate more than one tag in the field simultaneously. The
anticollision algorithm selects each tag individually and ensures that the execution of a transaction with a
selected tag is performed correctly without data corruption resulting from other tags in the field.
2.3 Security
Unique Identifiers, which can not be altered, guarantee the uniqueness of each label.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com