Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2-ICS20 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SL2-ICS20
Description  Smart Label IC SL2 ICS20 Functional Specification
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2-ICS20 Datasheet(HTML) 4 Page - NXP Semiconductors

  SL2-ICS20 Datasheet HTML 1Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 2Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 3Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 4Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 5Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 6Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 7Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 8Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Philips Semiconductors
Product Specification Rev. 3.1
February 2005
Functional Specification
Standard Label IC SL2 ICS20
4
1 FEATURES
1.1 I
•CODE SLI RF Interface (ISO/IEC 15693)
•
Contactless transmission of data and supply energy (no battery needed)
•
Operating distance: up to 1.5 m (depending on antenna geometry)
•
Operating frequency: 13.56 MHz (ISM, world-wide licence free available)
•
Fast data transfer: up to 53 kbit/s
•
High data integrity: 16 Bit CRC, framing
•
True anticollision
•
Electronic Article Surveillance (EAS)
•
Application Family Identifier (AFI) supported
•
Data Storage Format Identifier (DSFID)
•
Additional fast anticollision read
•
Write distance equal to read distance
1.2 EEPROM
•
1024 bits, organised in 32 blocks of 4 byte each
•
Data retention of 10 years
•
Write endurance 100.000 cycles
1.3 Security
•
Unique identifier for each device
•
Lock mechanism for each user memory block (write protection)
•
Lock mechanism for DSFID, AFI, EAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com