Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2-ICS20 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SL2-ICS20
Description  Smart Label IC SL2 ICS20 Functional Specification
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2-ICS20 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SL2-ICS20 Datasheet HTML 4Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 5Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 6Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 7Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 8Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 9Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 10Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 11Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Philips Semiconductors
Product Specification Rev. 3.1
February 2005
Functional Specification
Standard Label IC SL2 ICS20
8
3.2.1 UNIQUE IDENTIFIER
The 64 bit unique identifier (UID) is programmed during the production process according to ISO/IEC 15693-
3 and cannot be changed afterwards.
The numbering of the 64 bits is done according to ISO/IEC 15693-3 starting with the LSB 1 and ending with
the MSB 64. This is in contrast to the general used bit numbering within a byte.
The TAG type is a part of the UID (bit41 to 48, after the manufacturer code which is “04” hex for Philips
Semiconductors).
The TAG type of the SL2 ICS20 is “01” hex.
MSB
LSB
64
57
56
49
48
41
40
1
“E0”
“04”
“01”
IC manufacturer serial number
UID 7
UID 6
UID 5
UID 4
UID 3
UID 2
UID 1
UID 0
3.2.2 EAS FUNCTION
The LSB of Byte 1 in Block –2 holds the EAS bit (Electronic Article Surveillance mode active
à the label
responds to an EAS command)
Block –2, Byte 1
MSB
LSB
X
X
X
X
X
X
X
e
EAS
EAS:
e
= 1
à EAS enabled
e
= 0
à EAS disabled
Changing of the EAS Configuration must be done in secure environment. The label must not be
moved out of the communication field of the antenna during writing! We recommend to put the label
close to the antenna and not to remove it during operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com