Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2-ICS20 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SL2-ICS20
Description  Smart Label IC SL2 ICS20 Functional Specification
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2-ICS20 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SL2-ICS20 Datasheet HTML 10Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 11Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 12Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 13Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 14Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 15Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 16Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 17Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Philips Semiconductors
Product Specification Rev. 3.1
February 2005
Functional Specification
Standard Label IC SL2 ICS20
14
3.4.3 CUSTOM COMMANDS
The manufacturer code of Philips is defined in ISO/IEC 7816-6A1. It has the value “04” hex.
For the structure of custom commands please refer to ISO/IEC 15693-3.
3.4.3.1 Inventory read
Command Code = A0 hex
When receiving the inventory read request, the I
•CODE SLI IC performs the same as in the anti-collision
sequence, with the difference that instead of the UID and the DSFID the requested memory content is re-
transmitted from the I
•CODE SLI IC.
If an error is detected the I
•CODE SLI IC remains silent.
If the option flag is set to 0 n blocks of data are re-transmitted. If the option flag is set to 1 n blocks of data
and the part of the UID which is not part of the mask are re-transmitted.
The request contains:
•
Flags
•
Inventory read command code
•
IC Manufacturer code
•
AFI (if the AFI flag is set)
•
Mask length
•
Mask value (if mask length >0)
•
First block number to be read
•
Number of blocks to be read
•
CRC 16
SOF
Flags
Inventory
Read
IC
Mfg.
code
Optional
AFI
Mask
Length
Mask
Value
First
block
number
Number
of blocks
CRC16
EOF
8 bits
8 bits
8 bits
8 bits
8 bits
0 – 64
bits
8 bits
8 bits
16 bits
The Inventory_flag must be set to 1.
The meaning of flags 5 to 8 is according to table 5 in ISO/IEC 15693-3.
The number of blocks in the request is one less than the number of blocks that the I
•CODE SLI IC returns in
its response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com