Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4S Datasheet(PDF) 27 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 23Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 24Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 25Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 26Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 27Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 28Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 29Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 30Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
7.5.6 SPI timing diagram
aaa-023749
DSP Out
SS_B
SCLK
MISO
MOSI
tDISABLE
tCLKSS
tLAT
tSSN
tSSCLK
tSCLKH
tSCLKF
tSCLKR
tSCLK
tLEAD
tLAG
tHOLD_IN
tHOLD_OUT
tVALID
tSCLKL
tACCESS
tSETUP
Figure 22. SPI timing diagram
7.6 User-accessible data array
A user-accessible data array allows each device to be customized. The array consists of a one time
programmable (OTP) factory-programmable block, an OTP user-programmable block, and read-only registers
for data and device status. The OTP blocks incorporate independent data verification. In order to perform the
OTP, a custom platform is typically used prior to PCB assembly since the VPP voltage required is much higher
than the nominal supply as shown in Table 103. See application note AN12727[3].
Bit
Address Register
Type[1]
7
6
5
4
3
2
1
0
General device information
00h
COUNT
R
COUNT[7:0]
01h
DEVSTAT
R
DSP_ERR
reserved
COMM_ERR MEMTEMP_
ERR
SUPPLY_
ERR
TESTMODE
DEVRES
DEVINIT
02h
DEVSTAT1
R
VCCUV_
ERR
reserved
reserved
reserved
INTREGA_
ERR
INTREG_
ERR
INTREGF_
ERR
CONT_ERR
03h
DEVSTAT2
R
F_OTP_ERR
U_OTP_
ERR
U_RW_ERR
U_W_
ACTIVE
reserved
TEMP0_
ERR
reserved
reserved
04h
DEVSTAT3
R
MISO_ERR
reserved
reserved
reserved
reserved
reserved
reserved
reserved
05h to
0Dh
reserved
R
reserved
0Eh
TEMPERATURE R
TEMP[7:0]
0Fh
reserved
R
reserved
Table 35. User-accessible data — sensor specific information
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1.1 — 7 June 2023
27 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com