Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4S Datasheet(PDF) 7 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 3Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 4Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 5Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 6Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 7Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 8Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 9Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 10Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
ST_CTRL[3]
ST_CTRL[2]
ST_CTRL[1]
ST_CTRL[0]
Function
SNS_DATAx
register contents
1
1
0
0
Digital self-test #1
8171h
1
1
0
1
Digital self-test #2
6C95h
1
1
1
0
Digital self-test #3
807Ah
1
1
1
1
Digital self-test #4
78ACh
Table 4. Self-test control register
7.3.1.3 Startup sense data fixed value verification
Four unique fixed values can be forced to the SNS_DATAX_x registers by writing to the ST_CTRL bits as
shown in Table 5. When any of these values are selected, the ST_ACTIVE bit is set. These signals can only be
selected when the ENDINIT bit is not set.
ST_CTRL[3]
ST_CTRL[2]
ST_CTRL[1]
ST_CTRL[0]
Function
SNS_DATAx
register contents
0
1
0
0
DSP write to SNS_DATAx_
X registers inhibited.
0000h
0
1
0
1
DSP write to SNS_DATAx_
X registers inhibited.
AAAAh
0
1
1
0
DSP write to SNS_DATAx_
X registers inhibited.
5555h
0
1
1
1
DSP write to SNS_DATAx_
X registers inhibited.
FFFFh
Table 5. Self-test control bits for sense data fixed value verification
7.3.2 ΣΔ converter
A second order sigma delta modulator converts the voltage from the analog front end to a data stream that is
input to the DSP. A simplified block diagram is shown in Figure 5.
aaa-023446
z-1
1 - z-1
1 - bit
quantizer
second
integrator
ADC
V = +VREF, 0 V, -VREF
Y(Z) = {0,1}
β2 = 1
α2 = 1
DAC
z-1
1 - z-1
first
integrator
V = C x Vx/CINT1
VX
CINT1
β1 = 1
α1 =
Figure 5. ΣΔ converter block diagram
The sigma delta modulator operates at a frequency of 1 MHz, with the transfer function in Equation 1.
(1)
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1.1 — 7 June 2023
7 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com