Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4S Datasheet(PDF) 30 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 26Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 27Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 28Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 29Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 30Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 31Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 32Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 33Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
Bit
Address Register
Type[1]
7
6
5
4
3
2
1
0
D1h
ASICWLOT_H
F
ASICWLOT_H[7:0]
D2h to
DEh
reserved
F
reserved
DFh
CRC_F_D
F
LOCK_F_D
REGD_BLOCKID[2:0]
CRC_F_D[3:0]
E0h
USERDATA_0
UF0
USERDATA_0[7:0]
E1h
USERDATA_1
UF0
USERDATA_1[7:0]
E2h
USERDATA_2
UF0
USERDATA_2[7:0]
E3h
USERDATA_3
UF0
USERDATA_3[7:0]
E4h
USERDATA_4
UF0
USERDATA_4[7:0]
E5h
USERDATA_5
UF0
USERDATA_5[7:0]
E6h
USERDATA_6
UF0
USERDATA_6[7:0]
E7h
USERDATA_7
UF0
USERDATA_7[7:0]
E8h
USERDATA_8
UF0
USERDATA_8[7:0]
E9h
USERDATA_9
UF0
USERDATA_9[7:0]
EAh
USERDATA_A
UF0
USERDATA_A[7:0]
EBh
USERDATA_B
UF0
USERDATA_B[7:0]
ECh
USERDATA_C
UF0
USERDATA_C[7:0]
EDh
USERDATA_D
UF0
USERDATA_D[7:0]
EEh
USERDATA_E
UF0
USERDATA_E[7:0]
EFh
CRC_UF0
F
LOCK_UF0
REGE_BLOCKID[2:0]
CRC_UF0[3:0]
F0h
USERDATA_10
UF1
USERDATA_10[7:0]
F1h
USERDATA_11
UF1
USERDATA_11[7:0]
F2h
USERDATA_12
UF1
USERDATA_12[7:0]
F3h
USERDATA_13
UF1
USERDATA_13[7:0]
F4h
USERDATA_14
UF1
USERDATA_14[7:0]
F5h
USERDATA_15
UF1
USERDATA_15[7:0]
F6h
USERDATA_16
UF1
USERDATA_16[7:0]
F7h
USERDATA_17
UF1
USERDATA_17[7:0]
F8h
USERDATA_18
UF1
USERDATA_18[7:0]
F9h
USERDATA_19
UF1
USERDATA_19[7:0]
FAh
USERDATA_1A
UF1
USERDATA_1A[7:0]
FBh
USERDATA_1B
UF1
USERDATA_1B[7:0]
FCh
USERDATA_1C
UF1
USERDATA_1C[7:0]
FDh
USERDATA_1D
UF1
USERDATA_1D[7:0]
FEh
USERDATA_1E
UF1
USERDATA_1E[7:0]
FFh
CRC_UF1
F
LOCK_UF1
REGF_BLOCKID[2:0]
CRC_UF1[3:0]
Table 35. User-accessible data — sensor specific information...continued
[1]
Memory type codes
R — Readable register with no OTP
F — User readable register with OTP
UF2 — One time user programmable OTP location region 2
[2]
Useful for I2C read wrap around mode to support temperature data. See Table 9 and Table 67.
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1.1 — 7 June 2023
30 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com