Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4S Datasheet(PDF) 5 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 5 Page - NXP Semiconductors

  FXPS7115D4S Datasheet HTML 1Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 2Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 3Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 4Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 5Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 6Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 7Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 8Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
aaa-029736
COMPARATOR
VCC
VOLTAGE
REGULATOR
REFERENCE
GENERATOR
DIGITAL
LOGIC
DSP
OTP
ARRAY
Σ
CONVERTER
VREF
VREF
VREGA
VREGA
VCC
VCC
VREG
C2V
TRIM
TRIM
BIAS
GENERATOR
TRIM
VOLTAGE
REGULATOR
BANDGAP
REFERENCE
VREG_MOD
VREG
VREGA
VREF
OSCILLATOR
COMPARATOR
POR
VCC_UV_ERR
COMPARATOR
Figure 3. Voltage regulation and monitoring
7.1.1 VCC, VREG, VREGA, undervoltage monitor
A circuit is incorporated to monitor the VCC supply voltage and the internally regulated voltages VREG and
VREGA. If any of the voltages fall below the specified undervoltage thresholds in Table 104, SPI and I2C
transactions are terminated. Once the supply returns above the threshold, the device resumes responses.
7.2 Internal oscillator
The device includes a factory trimmed oscillator.
7.3 Pressure sensor signal path
7.3.1 Self-test functions
The device includes analog and digital self-test functions to verify the functionality of the transducer and the
signal chain. The self-test functions are selected by writing to the ST_CTRL[3:0] bits in the DSP_CFG_U5
register. The ST_CTRL bits select the desired self-test connection.
Once the ENDINIT bit is set, the ST_CTRL bits are forced to '0000'. Future writes to the ST_CTRL bits are
disabled until a device reset.
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1.1 — 7 June 2023
5 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com