Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4S Datasheet(PDF) 38 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 34Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 35Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 36Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 37Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 38Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 39Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 40Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 41Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
2. Add a delay of minimum 50 µs.
3. Optional: Execute a register read of the UF_REGION_R register and confirm the REGION_ACTIVE[3:0] bits
match the values written to the REGION_LOAD[3:0] bits in the UF_REGION_W register.
REGION_ACTIVE[3:0]
OTP register addresses loaded into the readable registers
0
0
0
0
Load of OTP registers is in process
0
0
0
1
The contents of the shared registers has been over-written by the user
0010 through 1001
not applicable
1
0
1
0
Address Range A0h through AFh
1
0
1
1
Address Range B0h through BFh
1
1
0
0
Address Range C0h through CFh
1
1
0
1
Address Range D0h through DFh
1
1
1
0
Address Range E0h through EFh
1
1
1
1
Address Range F0h through FFh
Table 54. REGION_ACTIVE Bit Definitions
4. Execute a Register Read of the desired registers from the UF0, UF1 or F register section. Complete all
desired Register Reads of the selected UF Region.
5. Repeat steps 1 through 4 for the next desired UF region to read.
Notes:
• The user must take care to ensure that the desired registers are addressed. For example, if the
REGION_LOAD bits are set to Ah and the user executes a read of address C2h, the contents of registers A2h
is transmitted. No error detection is included other than a read of the REGION_ACTIVE bits.
• In SPI and I2C modes, once the ENDINIT bit is set, writes to registers other than the RESET[1:0] bits are
inhibited. For this reason, reads of the UF0, UF1, and F registers are only possible for the region selected by
the REGION_ACTIVE bits at the time ENDINIT is set.
7.7.7 SOURCEID_x - source identification registers (address 1Ah, 1Bh)
The source identification registers are user programmed read/write registers that contain the source
identification information used in SPI Mode. These registers are included in the read/write array error detection.
Bit
7
6
5
4
3
2
1
0
Symbol
SID0_EN
reserved
reserved
reserved
SOURCEID_0[3:0]
Factory default
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 55. SOURCEID_0 - source identification register (address 1Ah) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
SID1_EN
reserved
reserved
reserved
SOURCEID_1[3:0]
Factory default
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 56. SOURCEID_1 - source identification register (address 1Bh) bit allocation
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1.1 — 7 June 2023
38 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com