Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS672-01 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS672-01
Description  QUADRACLOCK QUADRATURE DELAY BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS672-01 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS672-01 Datasheet HTML 1Page - Renesas Technology Corp ICS672-01 Datasheet HTML 2Page - Renesas Technology Corp ICS672-01 Datasheet HTML 3Page - Renesas Technology Corp ICS672-01 Datasheet HTML 4Page - Renesas Technology Corp ICS672-01 Datasheet HTML 5Page - Renesas Technology Corp ICS672-01 Datasheet HTML 6Page - Renesas Technology Corp ICS672-01 Datasheet HTML 7Page - Renesas Technology Corp ICS672-01 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ICS672-01/02
QUADRACLOCK QUADRATURE DELAY BUFFER
ZERO DELAY BUFFER
IDT™ / ICS™ QUADRACLOCK QUADRATURE DELAY BUFFER
3
ICS672-01/02
REV L 051310
External Components
The ICS672-01/02 requires a minimum number of external components for proper operation. Decoupling capacitors
of 0.01µF should be connected between VDD and GND on pins 11 and 12, and VDD and GND on pins 13 and 12,
and VDDIO and GND on pins 5 and 6, as close to the device as possible. A series termination resistor of 33
Ω may
be used close to each clock output pin to reduce reflections.
Operation and Applications
The ICS672-01/02 each provide a total of five output clocks with multiple phase shifts relative to the input clock
(ICLK). Phase shifts of 0° (CLK0), 90° (CLK90), 180° (CLK180), and 270° (CLK270) are provided, plus one
feedback clock (FBCLK). All output clocks will be a multiple of the input clock, as determined by the table on page
2. Refer to the illustrations in Figure 1 and Figure 2.
FBCLK is connected to the feedback input (FBIN) to provide a zero delay through the ICS672-01/02. FBCLK has a
0° phase shift from ICLK.
ICLK
CLK0,
FBCLK
CLK90
CLK180
CLK270
Figure 1. Phase alignment of input and output clocks (x1 multiplier)
ICLK
CLK0,
FBCLK
CLK90
CLK180
CLK270
Figure 2. Phase alignment of input and output clocks (x2 multiplier)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com