Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS672-01 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS672-01
Description  QUADRACLOCK QUADRATURE DELAY BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS672-01 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS672-01 Datasheet HTML 1Page - Renesas Technology Corp ICS672-01 Datasheet HTML 2Page - Renesas Technology Corp ICS672-01 Datasheet HTML 3Page - Renesas Technology Corp ICS672-01 Datasheet HTML 4Page - Renesas Technology Corp ICS672-01 Datasheet HTML 5Page - Renesas Technology Corp ICS672-01 Datasheet HTML 6Page - Renesas Technology Corp ICS672-01 Datasheet HTML 7Page - Renesas Technology Corp ICS672-01 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATASHEET
QUADRACLOCK QUADRATURE DELAY BUFFER
ICS672-01/02
IDT™ / ICS™ QUADRACLOCK QUADRATURE DELAY BUFFER
1
ICS672-01/02
REV L 051310
Description
The ICS672-01/02 are zero delay buffers that generate four
output clocks whose phases are spaced at 90° intervals.
Based on IDT’s proprietary low jitter Phase-Locked Loop
(PLL) techniques, each device provides five low-skew
outputs, with clock rates up to 84 MHz for the ICS672-01
and up to 135 MHz for the ICS672-02. By providing outputs
delayed one quarter clock cycle, the device is useful for
systems requiring early or late clocks. The ICS672-01/02
include multiplier selections of x0.5, x1, x2, x3, x4, x5, or x6.
They also offer a mode to power-down all internal circuitry
and tri-state the outputs. In normal operation, output clock
FBCLK is tied to the FBIN pin.
IDT manufactures the largest variety of clock generators
and buffers, and is the largest clock supplier in the world.
Features
• Packaged in 16-pin SOIC
• Pb (lead) free package, RoHS compliant
• Input clock range from 5 MHz to 150 MHz (depends on
multiplier)
• Clock outputs from up to 84 MHz (ICS672-01) and up to
135 MHz (ICS672-02)
• Zero input-output delay
• Integrated x0.5, x1, x2, x3, x4, x5, or x6 selections
• Four accurate (<250 ps) outputs with 0°, 90°, 180°, and
270° phase shift from ICLK, and one FBCLK (0°)
• Separate supply for output clocks from 2.5 V to 5 V
• Full CMOS outputs (TTL compatible)
• Tri-state mode for board-level testing
• Includes Power-down for power savings
• Advanced, low power, sub-micron CMOS process
• 3.3 V to 5 V operating voltage
• Industrial temperature version available
Block Diagram
Control
Logic
CLK0
VDDIO
PLL
Multiplier
and
Quadrature
Generation
FBIN
S2:S0
IN
CLKFB
3
Power Down plus Tri-state
VDD
2
External
Feedback
GND
3
CLK90
CLK180
CLK270


Similar Part No. - ICS672-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS672-01 ICST-ICS672-01 Datasheet
73Kb / 5P
QuadraClock??Quadrature Delay Buffer
Revision 112200
More results

Similar Description - ICS672-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS672-01 ICST-ICS672-01 Datasheet
73Kb / 5P
QuadraClock??Quadrature Delay Buffer
Revision 112200
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308 Datasheet
203Kb / 14P
3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
Zero-Delay Clock Buffer
PI6C2308 PERICOM-PI6C2308 Datasheet
506Kb / 10P
3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308_07 Datasheet
367Kb / 15P
3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_07 Datasheet
264Kb / 10P
3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2304A PULSECORE-ASM5P2304A Datasheet
371Kb / 14P
3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_09 Datasheet
285Kb / 9P
3.3V Zero Delay Buffer
CY2308 CYPRESS-CY2308_09 Datasheet
377Kb / 15P
3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com