Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS672-01 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS672-01
Description  QUADRACLOCK QUADRATURE DELAY BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS672-01 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS672-01 Datasheet HTML 1Page - Renesas Technology Corp ICS672-01 Datasheet HTML 2Page - Renesas Technology Corp ICS672-01 Datasheet HTML 3Page - Renesas Technology Corp ICS672-01 Datasheet HTML 4Page - Renesas Technology Corp ICS672-01 Datasheet HTML 5Page - Renesas Technology Corp ICS672-01 Datasheet HTML 6Page - Renesas Technology Corp ICS672-01 Datasheet HTML 7Page - Renesas Technology Corp ICS672-01 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ICS672-01/02
QUADRACLOCK QUADRATURE DELAY BUFFER
ZERO DELAY BUFFER
IDT™ / ICS™ QUADRACLOCK QUADRATURE DELAY BUFFER
4
ICS672-01/02
REV L 051310
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS672-01/02. These ratings, which
are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at
these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
VDD = VDDIO = 3.3 V, Ambient temperature 0 to +70
° C, unless stated otherwise
Item
Rating
Supply Voltage, VDD
-0.5 V to 7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Electrostatic Discharge (MIL-STD-883)
2000 V
Ambient Operating Temperature (commercial)
0 to +70
° C
Ambient Operating Temperature (industrial, -02 only)
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
150
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
° C
Power Supply Voltage (measured in respect to GND)
+3.13
+5.5
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.13
5.50
V
Operating Voltage
VDDIO
2.375
VDD
V
Input High Voltage
VIH
ICLK only
VDDIO/2+0.5
V
Input Low Voltage
VIL
ICLK only
VDDIO/2-0.5
V
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Output High Voltage,
CMOS level
VOH
IOH = -8 mA
VDDIO-0.4
V
Operating Supply
Current
IDD
No Load, S1=1, S0=0,
S2=0, Note 1
11
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com