Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS672-01 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS672-01
Description  QUADRACLOCK QUADRATURE DELAY BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS672-01 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS672-01 Datasheet HTML 1Page - Renesas Technology Corp ICS672-01 Datasheet HTML 2Page - Renesas Technology Corp ICS672-01 Datasheet HTML 3Page - Renesas Technology Corp ICS672-01 Datasheet HTML 4Page - Renesas Technology Corp ICS672-01 Datasheet HTML 5Page - Renesas Technology Corp ICS672-01 Datasheet HTML 6Page - Renesas Technology Corp ICS672-01 Datasheet HTML 7Page - Renesas Technology Corp ICS672-01 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ICS672-01/02
QUADRACLOCK QUADRATURE DELAY BUFFER
ZERO DELAY BUFFER
IDT™ / ICS™ QUADRACLOCK QUADRATURE DELAY BUFFER
5
ICS672-01/02
REV L 051310
AC Electrical Characteristics
VDD = VDDIO = 3.3 V, Ambient Temperature 0 to +70
° C, unless stated otherwise
Note 1: With ICLK = 20 MHz, FBCLK to FBIN, all outputs at 40 MHz.
Note 2: With ICLK = 66.5 MHz, FBCLK to FBIN, all outputs at 133 MHz.
Note 3: Value depends on multiplier. Must also meet output clock frequency.
Note 4: With CLK0CLK270 equally loaded, and output frequency > 60 MHz.
Note 5: Rising edge of ICLK compared with rising edge of CLk0, with FBCLK connected to FBIN, 15 pF load on
CLK0, and CLK0 > 60 MHz.
Note 6: Commercial grade.
Note 7: Industrial grade.
Thermal Characteristics
Operating Supply
Current
IDD
No Load, S1=1, S0=0,
S2=0, Notes 2, 6
22
mA
No Load, S1=1, S0=0,
S2=0, Notes 2, 7
66
mA
Short Circuit Current
IOS
Each output
±50
mA
Input Capacitance
CIN
OE, select pins
7
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Clock Frequency
fIN
Note 3
5
150
MHz
Output Clock Frequency
ICS672-01
15
84
MHz
Output Clock Frequency
ICS672-02
15
135
MHz
Output Rise Time
tOR
0.8 to 2.0 V, no load, CL = 15 pF
1.0
ns
Output Fall Time
tOF
2.0 to 0.8 V, no load, CL = 15 pF
1.0
ns
Output Clock Duty Cycle,
VDDIO = 3.3 V
tDC
At VDDIO/2
45
50
55
%
Phased Outputs
Accuracy
Rising edges at VDDIO/2,
Note 4
-250
250
ps
Input to Output Skew
ICLK to CLK0, Note 5
-300
300
ps
Maximum Absolute Jitter
75
ps
Cycle to Cycle Jitter
15 pF loads
150
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
120
° C/W
θJA
1 m/s air flow
115
° C/W
θJA
3 m/s air flow
105
° C/W
Thermal Resistance Junction to Case
θJC
58
° C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com