Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS672-01 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS672-01
Description  QUADRACLOCK QUADRATURE DELAY BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS672-01 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS672-01 Datasheet HTML 1Page - Renesas Technology Corp ICS672-01 Datasheet HTML 2Page - Renesas Technology Corp ICS672-01 Datasheet HTML 3Page - Renesas Technology Corp ICS672-01 Datasheet HTML 4Page - Renesas Technology Corp ICS672-01 Datasheet HTML 5Page - Renesas Technology Corp ICS672-01 Datasheet HTML 6Page - Renesas Technology Corp ICS672-01 Datasheet HTML 7Page - Renesas Technology Corp ICS672-01 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ICS672-01/02
QUADRACLOCK QUADRATURE DELAY BUFFER
ZERO DELAY BUFFER
IDT™ / ICS™ QUADRACLOCK QUADRATURE DELAY BUFFER
2
ICS672-01/02
REV L 051310
Pin Assignment
Output Clock Mode Select Table
Pin Descriptions
12
1
11
2
10
3
9
ICLK
4
CLK90
5
CLK180
6
FBCLK
7
CLK270
8
VDDIO
CLK0
VDD
GND
GND
S2
GND
S1
16
15
14
13
S0
FBIN
VDD
S2
S1
S0
Output Clocks
0
0
0
Power-down + tri-state
00
1
x1
01
0
x2
01
1
x3
10
0
x4
10
1
x5
11
0
x6
11
1
x0.5
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
ICLK
Input
Clock input.
2
CLK90
Output
Clock output (90° delayed from CLK0).
3
CLK180
Output
Clock output (180° delayed from CLK0).
4
CLK270
Output
Clock output (270° delayed from CLK0).
5
VDDIO
Power
Supply voltage for input and output clocks. Must not exceed VDD.
6, 7, 12
GND
Power
Connect to ground.
8
S0
Input
Select input 0. See table above.
9
S1
Input
Select input 1. See table above.
10
S2
Input
Select input 2. See table above.
11, 13
VDD
Power
Connect to 3.3 V or 5.0 V.
14
CLK0
Output
Clock output phase aligned to ICLK.
15
FBCLK
Output
Feedback clock output (0° phase shift from CLK0).
16
FBIN
Input
Feedback clock input. in normal operation, connect to FBCLK.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com