Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5501AKSZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5501AKSZ-R7
Description  50 MHz to 4 GHz TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5501AKSZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5501AKSZ-R7 Datasheet HTML 2Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 3Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 4Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 5Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 6Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 7Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 8Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 9Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADL5501
Rev. 0 | Page 6 of 28
Parameter
Condition
Min
Typ
Max
Unit
RMS CONVERSION (f = 2700 MHz)
Input RFIN to Output VRMS
Input Impedance
31||−0.1
Ω||pF
Input Return Loss
12.5
dB
Dynamic Range1
CW input, −40°C < TA < +85°C
±0.25 dB Error4
Delta from 25°C, VS = 5 V
5
dB
±0.25 dB Error2
VS = 3 V
3
dB
VS = 5 V
7
dB
±1 dB Error2
VS = 3 V
25
dB
VS = 5 V
30
dB
±2 dB Error2
VS = 3 V
28
dB
VS = 5 V
33
dB
Maximum Input Level
±1 dB error2
+8
dBm
Minimum Input Level
±1 dB error2
−17
dBm
Conversion Gain
VOUT = (Gain × VIN) + Intercept
4.6
V/V rms
Output Intercept3
0.02
V
Output Voltage—High Power In
PIN = 5 dBm, 400 mV rms
1.84
V
Output Voltage—Low Power In
PIN = –21 dBm, +20 mV rms
0.09
V
Temperature Sensitivity
PIN = –5 dBm
25°C
≤ T
A
≤ 85°C
0.0034
dB/°C
−40°C
≤ T
A
≤ +25°C
−0.0049
dB/°C
RMS CONVERSION (f = 4000 MHz)
Input RFIN to Output VRMS
Input Impedance
36||−0.4
Ω||pF
Input Return Loss
11.8
dB
Dynamic Range1
CW input, −40°C < TA < +85°C
±0.25 dB Error4
Delta from 25°C, VS = 5 V
5
dB
±0.25 dB Error2
VS = 3 V
4
dB
VS = 5 V
5
dB
±1 dB Error2
VS = 3 V
28
dB
VS = 5 V
31
dB
±2 dB Error2
VS = 3 V
30
dB
VS = 5 V
33
dB
Maximum Input Level
±1 dB error2
+10
dBm
Minimum Input Level
±1 dB error2
−18
dBm
Conversion Gain
VOUT = (Gain × VIN) + Intercept
3.8
V/V rms
Output Intercept3
0.01
V
Output Voltage—High Power In
PIN = 5 dBm, 400 mV rms
1.53
V
Output Voltage—Low Power In
PIN = –21 dBm, +20 mV rms
0.07
V
Temperature Sensitivity
PIN = –5 dBm
25°C
≤ T
A
≤ 85°C
0.0019
dB/°C
−40°C
≤ T
A
≤ +25°C
−0.0043
dB/°C
OUTPUT OFFSET
No signal at RFIN
50
150
mV
ENABLE INTERFACE
Pin ENBL
Logic Level to Enable Power, HI Condition
2.7 V ≤ VS ≤ 5.5 V, −40°C < TA < +85°C
1.8
VPOS
V
Input Current when HI
2.7 V at ENBL, –40°C ≤ TA ≤ +85°C
0.05
0.1
μA
Logic Level to Disable Power, LO Condition
2.7 V ≤ VS ≤ 5.5 V, −40°C < TA < +85°C
–0.5
+0.5
V
Power-Up Response Time5
CFLTR = COUT = Open, 0 dBm at RFIN
6
μs
CFLTR = 1 nF, COUT = Open, 0 dBm at RFIN
21
μs
CFLTR = Open, COUT = 100 nF, 0 dBm at RFIN
28
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com