Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5501AKSZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5501AKSZ-R7
Description  50 MHz to 4 GHz TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5501AKSZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5501AKSZ-R7 Datasheet HTML 10Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 11Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 12Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 13Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 14Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 15Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 16Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 17Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADL5501
Rev. 0 | Page 14 of 28
3
–3
–2
–1
0
1
2
–25
–20
–15
–10
–5
0
5
10
RFIN (dBm)
CW
TEST MODEL 1 w/ 16 DPCH, 1 CARRIER
TEST MODEL 1 w/ 32 DPCH, 1 CARRIER
TEST MODEL 1 w/ 64 DPCH, 1 CARRIER
TEST MODEL 1 w/ 64 DPCH, 2 CARRIERS
TEST MODEL 1 w/ 64 DPCH, 3 CARRIERS
TEST MODEL 1 w/ 64 DPCH, 4 CARRIERS
Figure 28. Error from CW Linear Reference vs. Input with Various
WCDMA Down Link Waveforms at 2140 MHz, CFLTR = 1 nF, COUT = 100 nF
1
6
2
5
3
4
ADL5501
VPOS
FLTR
RFIN
VRMS
ENBL
COMM
POWER
SUPPLY
RF PULSE
GENERATOR
C1
100pF
C2
0.1µF
CFLTR
OSCILLOSCOPE
FET PROBE
ROUT
COUT
Figure 29. Hardware Configuration for Output Response to RF Input Pulse
40µs/DIV
400mV rms RF INPUT
250mV rms
160mV rms
70mV rms
PULSED
RFIN
Figure 30. Output Response to Various RF Input Pulse Levels, Supply 3 V,
Frequency 900 MHz, CFLTR = Open, COUT = Open, ROUT = Open
3
–3
–2
–1
0
1
2
–25
–20
–15
–10
–5
0
5
10
INPUT (dBm)
CW
SR1, PILOT CHANNEL, 1 CARRIER
SR1, 9 CHANNEL, 1 CARRIER
SR1, 9 CHANNEL, 3 CARRIERS
SR1, 9 CHANNEL, 4 CARRIERS
Figure 31. Error from CW Linear Reference vs. Input with Various
CDMA2000 Fwd Link Waveforms at 2140 MHz, CFLTR = 1 nF, COUT = 100 nF
40µs/DIV
400mV rms RF INPUT
250mV rms
160mV rms
70mV rms
PULSED
RFIN
Figure 32. Output Response to Various RF Input Pulse Levels, Supply 3 V,
Frequency 900 MHz, CFLTR = 1 nF, COUT = Open, ROUT = Open
100µs/DIV
400mV rms RF INPUT
250mV rms
160mV rms
70mV rms
PULSED RFIN
Figure 33. Output Response to Various RF Input Pulse Levels, Supply 3 V,
Frequency 900 MHz, CFLTR = Open, COUT = 0.1 μF, ROUT = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com