Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5501AKSZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5501AKSZ-R7
Description  50 MHz to 4 GHz TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5501AKSZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5501AKSZ-R7 Datasheet HTML 18Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 19Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 20Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 21Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 22Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 23Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 24Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 25Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADL5501
Rev. 0 | Page 22 of 28
DRIFT OVER A REDUCED TEMPERATURE RANGE
Figure 53 shows the error over temperature for a 1.9 GHz input
signal. Error due to drift over temperature consistently remains
within ±0.25 dB and only begins to exceed this limit when the
ambient temperature goes above +25°C and below −10°C. For
all frequencies using a reduced temperature range, higher
measurement accuracy is achievable.
1.00
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
–25
–20
–15
–10
–5
0
5
10
15
INPUT (dBm rms)
+85°C
+70°C
+50°C
+35°C
+25°C
+15°C
0°C
–10°C
–25°C
–40°C
Figure 53. Typical Drift at 1.9 GHz for Various Temperatures
3
–3
–2
–1
0
1
2
–25
–20
–15
–10
–5
0
5
10
15
INPUT (dBm)
Figure 54. Temperature Drift Distributions for 12 Devices at −40°C, +25°C,
and +85°C vs. +25°C Linear Reference; Frequency 50 MHz; Supply 5.0 V
3
–3
–2
–1
0
1
2
–25
–20
–15
–10
–5
0
5
10
15
INPUT (dBm)
Figure 55. Output Delta from +25°C Output Voltage for 12 Devices at −40°C
and +85°C, Frequency 50 MHz, Supply 5.0 V
OPERATION BELOW 100 MHZ
The ADL5501 works at frequencies below 100 MHz, but
exhibits slightly higher linearity error. Figure 54 shows the error
distribution of 12 devices at 50 MHz over temperature. When
compared to an ideal linear transfer function at ambient, the
error of the ADL5501 over temperature remains within ±0.5 dB
for the central 20 dB of the dynamic range. At the higher input
power levels, the error grows as the response becomes nonlinear.
Due to the repeatability of the performance from part to part,
compensation can be applied to reduce the effects of temperature
drift and linearity error. To detect larger dynamic ranges at
lower frequencies, the transfer function at ambient can be
calibrated, thus eliminating the linearity error. This technique
is discussed in detail in the Calibration for Improved Accuracy
section. Figure 55 shows that the dynamic range within ±0.5 dB
error improves to 30 dB by using this method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com