Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5501AKSZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5501AKSZ-R7
Description  50 MHz to 4 GHz TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5501AKSZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5501AKSZ-R7 Datasheet HTML 5Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 6Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 7Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 8Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 9Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 10Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 11Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 12Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADL5501
Rev. 0 | Page 9 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
VPOS
6
VRMS
2
FLTR
5
ENBL
3
RFIN
4
COMM
ADL5501
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VPOS
Supply Voltage Pin. Operational range 2.7 V to 5.5 V.
2
FLTR
Square-Domain Filter Pin. Connection for an external capacitor to lower the corner frequency of the square-
domain (or modulation) filter. Capacitor is connected between FLTR and VS and forms a low-pass filter with an
8 kΩ on-chip resistor. The on-chip capacitor provides filtering with an approximate 100 kHz corner frequency.
For simple waveforms, no further filtering of the demodulated signal is required.
3
RFIN
Signal Input Pin. Internally ac-coupled after internal termination resistance. Nominal 50 Ω input impedance.
4
COMM
Device Ground Pin.
5
ENBL
Enable Pin. Connect pin to VS for normal operation. Connect pin to ground for disable mode for a supply
current less than 1 μA.
6
VRMS
Output Pin. Rail-to-rail voltage output with limited 3 mA current drive capability. The output has an internal
100 Ω series resistance. High resistive loads are recommended to preserve output swing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com