Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5501AKSZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5501AKSZ-R7
Description  50 MHz to 4 GHz TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5501AKSZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5501AKSZ-R7 Datasheet HTML 19Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 20Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 21Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 22Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 23Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 24Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 25Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 26Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADL5501
Rev. 0 | Page 23 of 28
EVALUATION BOARD
Figure 56 shows the schematic of the ADL5501 evaluation
board. The layout and silkscreen of the evaluation board layers
are shown in Figure 57 to Figure 60. The board is powered by
a single supply in the 2.7 V to 5.5 V range. The power supply is
decoupled by 100 pF and 0.1 μF capacitors. Table 5 details the
various configuration options of the evaluation board.
Problems caused by impedance mismatch can arise using the
evaluation board to examine the ADL5501 performance. One
way to reduce these problems is to put a coaxial 3 dB attenuator
on the RFIN SMA connector. Mismatches at the source, cable,
and cable interconnection, as well as those occurring on the
evaluation board, can cause these problems.
A simple (and common) example of such a problem is triple
travel due to mismatch at both the source and the evaluation
board. Here the signal from the source reaches the evaluation
board and mismatch causes a reflection. When that reflection
reaches the source mismatch, it causes a new reflection, which
travels back to the evaluation board, adding to the original signal
incident at the board. The resultant voltage varies with both
cable length and frequency dependence on the relative phase of
the initial and reflected signals. Placing the 3 dB pad at the input of
the board improves the match at the board and, thus, reduces
the sensitivity to mismatches at the source. When such precau-
tions are taken, measurements are less sensitive to cable length and
other fixture issues. In an actual application when the distance
between ADL5501 and source is short and well defined, this 3 dB
attenuator is not needed.
1
6
2
5
3
4
ADL5501
VPOS
FLTR
RFIN
VRMS
ENBL
COMM
C3
(OPEN)
RFIN
VRMS
R3
0Ω
R5
(OPEN)
R1
(OPEN)
VPOS
C1
100pF
C2
0.1µF
R2
(OPEN)
R4
49.9Ω
C4
100nF
TO EDGE
CONNECTOR
TO EDGE
CONNECTOR
SW1
VPOS
ENBL
Figure 56. Evaluation Board Schematic
Table 5. Evaluation Board Configuration Options
Component
Description
Default Condition
VPOS, GND
Ground and Supply Vector Pins.
Not Applicable
C1, C2
Power Supply Decoupling. The nominal supply decoupling of 100 pF and 0.1 μF.
C1 = 100 pF (Size 0402)
C2 = 0.1 μF (Size 0402)
C3
Filter Capacitor. The internal averaging capacitor can be augmented by placing additional
capacitance in C3.
C3 = Open (Size 0402)
R2, R3, C4
Output Filtering. The combination of the internal 100 Ω output resistance and C4 produce
a low-pass filter to reduce output ripple. The output can also be scaled down using the
resistor divider pads, R3 and R2. In addition, resistors and capacitors can be placed in C4 and
R2 to load test VRMS.
R2 = Open (Size 0402)
R3 = 0 Ω (Size 0402)
C4 = 100 nF (Size 0402)
R4, SW1
Device Enable. When the switch is set toward the SW1 label, the ENBL pin is connected to VPOS
and the ADL5501 is in operating mode. In the opposite switch position, the ENBL pin is grounded
(through the 49.9 Ω resistor), putting the device in power-down mode. While in this switch
position, the ENBL pin can be driven by a signal generator via the SMA labeled ENBL. In this
case, R4 serves as a termination resistor for generators requiring a 50 Ω match.
R4 = 49.9 Ω (Size 0402)
SW1 = toward SW1 label
R1, R5
Alternate Interface. R1and R5 allow for VRMS and ENBL to be accessible from the edge
connector, which is used only for characterization.
R1 = Open (Size 0402)
R5 = Open (Size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com