Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5501AKSZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5501AKSZ-R2
Description  50 MHz to 4 GHz TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5501AKSZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADL5501AKSZ-R2 Datasheet HTML 1Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 2Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 3Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 4Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 5Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 6Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 7Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 8Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADL5501
Rev. 0 | Page 3 of 28
SPECIFICATIONS
TA = 25°C, VS = 3.0 V, CFLTR = Open, COUT = 100 nF, unless otherwise specified.
Table 1.
Parameter
Condition
Min
Typ
Max
Unit
FREQUENCY RANGE
Input RFIN
50
4000
MHz
RMS CONVERSION (f = 50 MHz)
Input RFIN to Output VRMS
Input Impedance
88||6.5
Ω||pF
Input Return Loss
11.0
dB
Dynamic Range1
CW input, −40°C < TA < +85°C
±1 dB Error2
VS = 3 V
25
dB
VS = 5 V
26
dB
±2 dB Error2
VS = 3 V
32
dB
VS = 5 V
35
dB
Maximum Input Level
±1 dB error2
+8
dBm
Minimum Input Level
±1 dB error2
−18
dBm
Conversion Gain
VOUT = (Gain × VIN) + Intercept
4.5
V/V rms
Output Intercept3
0.03
V
Output Voltage—High Power In
PIN = 5 dBm, 400 mV rms
1.81
V
Output Voltage—Low Power In
PIN = −21 dBm, +20 mV rms
0.11
V
Temperature Sensitivity
PIN = −5 dBm
25°C
≤ T
A
≤ 85°C
0.0039
dB/°C
−40°C
≤ T
A
≤ +25°C
−0.0037
dB/°C
RMS CONVERSION (f = 100 MHz)
Input RFIN to Output VRMS
Input Impedance
79||3.6
Ω||pF
Input Return Loss
12.4
dB
Dynamic Range1
CW input, −40°C < TA < +85°C
±0.25 dB Error4
Delta from 25°C, VS = 5 V
28
dB
±0.25 dB Error2
VS = 3 V
19
dB
VS = 5 V
20
dB
±1 dB Error2
VS = 3 V
23
dB
VS = 5 V
27
dB
±2 dB Error2
VS = 3 V
26
dB
VS = 5 V
30
dB
Maximum Input Level
±1 dB error2
+6
dBm
Minimum Input Level
±1 dB error2
−18
dBm
Conversion Gain
VOUT = (Gain × VIN) + Intercept
6.1
V/V rms
VS = 5 V
5.6
7.8
V/V rms
Output Intercept3
0.03
V
VS = 5 V
−0.02
+0.1
V
Output Voltage—High Power In
PIN = 5 dBm, 400 mV rms
2.47
V
Output Voltage—Low Power In
PIN = −21 dBm, +20 mV rms
0.13
V
Temperature Sensitivity
PIN = −5 dBm
25°C
≤ T
A
≤ 85°C
0.0028
dB/°C
−40°C
≤ T
A
≤ +25°C
−0.0018
dB/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com