Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5501AKSZ-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5501AKSZ-R2
Description  50 MHz to 4 GHz TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5501AKSZ-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5501AKSZ-R2 Datasheet HTML 20Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 21Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 22Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 23Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 24Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 25Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 26Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 27Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ADL5501
Rev. 0 | Page 25 of 28
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-203-AB
0.22
0.08
0.30
0.15
1.00
0.90
0.70
SEATING
PLANE
4
5
6
3
2
1
PIN 1
0.65 BSC
1.30 BSC
0.10 MAX
0.10 COPLANARITY
0.40
0.10
1.10
0.80
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.46
0.36
0.26
Figure 61. 6-Lead Thin Shrink Small Outline Transistor Package [SC-70]
(KS-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
Ordering
Quantity
ADL5501AKSZ-R71
–40°C to +85°C
6-Lead SC-70, 7”Tape and Reel
KS-6
Q0Z
3,000
ADL5501AKSZ-R21
–40°C to +85°C
6-Lead SC-70, 7”Tape and Reel
KS-6
Q0Z
250
ADL5501-EVALZ1
Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com