Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5501AKSZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5501AKSZ-R2
Description  50 MHz to 4 GHz TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5501AKSZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5501AKSZ-R2 Datasheet HTML 17Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 18Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 19Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 20Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 21Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 22Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 23Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 24Page - Analog Devices ADL5501AKSZ-R2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADL5501
Rev. 0 | Page 21 of 28
DEVICE CALIBRATION AND ERROR CALCULATION
Because slope and intercept vary from device to device, board-
level calibration must be performed to achieve high accuracy.
In general, calibration is performed by applying two input power
levels to the ADL5501 and measuring the corresponding output
voltages. The calibration points are generally chosen to be within
the linear operating range of the device. The best-fit line is char-
acterized by calculating the conversion gain (or slope) and intercept
using the following equations:
Gain = (VRMS2 − VRMS1)/(VIN2 − VIN1)
(3)
Intercept = VRMS1 − (Gain × VIN1)
(4)
where:
VIN is the rms input voltage to RFIN.
VRMS is the voltage output at VRMS.
Once gain and intercept are calculated, an equation can be
written that allows calculation of an (unknown) input power
based on the measured output voltage.
VIN = (VRMS − Intercept)/Gain
(5)
For an ideal (known) input power, the law conformance error of
the measured data can be calculated as
ERROR (dB) =
20 × log [(VRMS, MEASURED − Intercept)/(Gain × VIN, IDEAL)] (6)
Figure 51 includes a plot of the error at 25°C, the temperature at
which the ADL5501 is calibrated. Note that the error is not zero.
This is because the ADL5501 does not perfectly follow the ideal
linear equation, even within its operating region. The error at
the calibration points is, however, equal to 0 by definition.
3
–3
–2
–1
0
1
2
–25
–20
–15
–10
–5
0
5
+85°C
+25°C
–40°C
10
15
INPUT (dBm)
Figure 51. Error from Linear Reference vs. Input at −40°C, +25°C, and
+85°C vs. +25°C Linear Reference, Frequency 1900 MHz, Supply 5.0 V
Figure 51 also includes error plots for the output voltage at
−40°C and +85°C. These error plots are calculated using the
gain and intercept at 25°C. This is consistent with calibration in
a mass-production environment where calibration at temperature
is not practical.
CALIBRATION FOR IMPROVED ACCURACY
Another way of presenting the error function of the ADL5501
is shown in Figure 52. In this case, the dB error at hot and cold
temperatures is calculated with respect to the transfer function
at ambient. This is a key difference in comparison to the previous
plots. Up to now, the errors were calculated with respect to the
ideal linear transfer function at ambient. When this alternative
technique is used, the error at ambient becomes equal to 0 by
definition (see Figure 52).
This plot is a useful tool for estimating temperature drift at a
particular power level with respect to the (nonideal) response at
ambient. The linearity and dynamic range tend to be improved
artificially with this type of plot because the ADL5501 does not
perfectly follow the ideal linear equation (especially outside of
its linear operating range). Achieving this level of accuracy in
an end application requires calibration at multiple points in the
operating range of the device.
In some applications, very high accuracy is required at just one
power level or over a reduced input range. For example, in a
wireless transmitter, the accuracy of the high power amplifier
(HPA) is most critical at or close to full power. The ADL5501
offers a tight error distribution in the high input power range,
as shown in Figure 52. The high accuracy range, centered around
9 dBm at 1900 MHz, offers 7 dB of ±0.1 dB detection error over
temperature. Multiple point calibration at ambient temperature
in the reduced range offers precise power measurement with
near 0 dB error from −40°C to +85°C.
3
–3
–2
–1
0
1
2
–25
–20
–15
–10
–5
0
5
+85°C
+25°C
–40°C
10
15
INPUT (dBm)
Figure 52. Error from +25°C Output Voltage at −40°C, +25°C, and +85°C
After Ambient Normalization, Frequency 1900 MHz, Supply 5.0 V
The high accuracy range center varies over frequency. At
1900 MHz, the region is centered at approximately 9 dBm.
At higher frequencies, the high accuracy range is centered
at higher input powers (see Figure 13 through Figure 15 and
Figure 19 through Figure 21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com